Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT4301A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # THAT4301A
Description  THAT Analog Engine짰 IC Dynamics Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT4301A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button THAT4301A Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 10Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 11Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications
The circuit of Figure 14, Page 9, shows a typical
application for THAT 4301. This simple compres-
sor/limiter
design
features
adjustable
hard-knee
threshold, compression ratio, and static gain1. The
applications discussion in this data sheet will center
on this circuit for the purpose of illustrating impor-
tant design issues. However, it is posslble to config-
ure many other types of dynamics processors with
THAT 4301. Hopefully, the following discussion will
imply some of these possibilities.
Signal Path
As mentioned in the section on theory, the VCA
input pin is a virtual ground with negative feedback
provided internally. An input resistor (R
1, 20kW)is
required to convert the ac input voltage to a current
within the linear range of the 4301. (Peak VCA input
currents should be kept under 1 mA for best distor-
tion performance.) The coupling capacitor (C
1,47 mf)
is
strongly
recom-
mended to block dc cur-
rent
from
preceeding
stages (and from offset
voltage at the input of
the VCA). Any dc current
into the VCA will be
modulated
by
varying
gain in the VCA, showing
up
in
the
output
as
“thumps”. Note that C
1,
in conjunction with R
1,
will
set
the
low
fre-
quency limit of the cir-
cuit.
The VCA output is
connected to OA
3, config-
ured as an inverting cur-
rent-to-voltage converter.
OA
3‘s
feedback compo-
nents (R
2,20kW,
and
C
2, 47 pf) determine the
constant
of
cur-
rent-to-voltage
conver-
sion. The simplest way
to deal with this is to
recognize that when the
VCA
is
set
for
unity
(0 dB) gain, the input to
output voltage gain is
simply R
2/R1, just as in
the case of a single in-
verting stage. If, for some reason, more than 0 dB
gain is required when the VCA is set to unity, then
the resistors may be skewed to provide it. Note that
the feedback capacitor (C
2)is required for stability.
The VCA output has approximately 45 pf of capaci-
tance to ground, which must be neutralized via the
47 pf feedback capacitor across R
2.
The VCA gain is controlled via the E
C– terminal,
whereby gain will be proportional to the negative of
the voltage at E
C–. The EC+ terminal is grounded, and
the SYM terminal is returned nearly to ground via a
small resistor (R
3,51 W). The VCA SYM trim (R5,
50 k
W) allows a small voltage to be applied to the
SYM terminal via R
4 (300 kW). This voltage adjusts
for small mismatches within the VCA gain cell,
thereby reducing even-order distortion products. To
adjust the trim, apply to the input a middle-level,
middle-frequency signal (1 kHz at1Visa good
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
THAT 4301 Dynamics Processor IC
Page 9
EC+
EC-
IN
OUT
SYM
VCA
+
OA3
-
OUT
1%
20K0
R2
51
R3
R16
1%
4k99
+
OA2
-
GND
C5
100N
1%
590K
R17
1%
10K0
R15
+15
R18
CCW
CW
GAIN
10K
-15
1%
1K43
R14
COMPRESSION
CW
CCW
R13
10K
C3
47uF
R6
-15
10K0 1%
22uF
C6
IN
IT
OUT
CT
RMS
R7
2M00
1%
-15
10uF
C4
VEE
VCC
THAT4301
+15
100n
C7
C8
100n
1%
4k99
R8
+
OA1
-
-15
2M00 1%
R10
1%
383K
R11
CR1
CR2
10K0 1%
R9
R12
CW
10K
CCW
THRESHOLD
+15
20K0 1%
R1
47uF
C1
300K
R4
-15
+15
R5
50K
VCA SYM
C2
47pF
IN
Figure 14. Typical Compressor/Limiter Application Circuit
1. More information on this compressor design, along with suggestions for converting it to soft-knee operation,
is given in AN100, Basic Compressor Limiter Design. The designs in AN100 are based on THAT Corporation’s
2150-Series VCAs and 2252 RMS Detector, but are readily adaptable to the 4301 with only minor modifications. In
fact, the circuit presented here is functionally identical to the hard-knee circuit published in AN100.


Similar Part No. - THAT4301A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
More results

Similar Description - THAT4301A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
THAT4311 ETC-THAT4311 Datasheet
230Kb / 12P
   Low-voltage, Low-power Analog Engine Dynamics Processor
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
International Rectifier
AN-1090 IRF-AN-1090 Datasheet
257Kb / 15P
   Controller Dynamics and Tuning
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
   Analog Servo Processor
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com