Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT4305 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # THAT4305
Description  Pre-trimmed Analog Engine짰 IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT4305 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button THAT4305 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT4305 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 6
THAT4305 Pre-trimmed Analog Engine
sion ratios, while limiters have high ratios. In such
applications, the signal path has static gain so long
as the input signal remains below some threshold,
but gain is reduced when the signal rises above the
threshold. Compression ratio is defined as the num-
ber of dB the input signal increases for a 1 dB in-
crease in output signal.
Feedforward Topologies
To make a compressor or limiter with a 4305,
typically, the input signal is applied to both the VCA
and the RMS detector. The RMS output signal is fed
forward to the VCA's negative control port (EC-) via a
dc-coupled op-amp based stage. This stage has gain
above some dc level (the threshold), and no trans-
mission below that level. This path, called the
"sidechain," — from detector output to VCA control
port — determines the compression behavior of the
circuit. As signal level rises, the dc voltage at the
RMS' output rises.
Once the dc level exceeds the
threshold, the rms output signal is transmitted
through the sidechain and presented to the VCA con-
trol port, lowering the gain to signals passing
through the VCA. As a result, the output signal level
is reduced, or compressed, relative to rising input
signal levels.
Varying the threshold setting of the sidechain will
vary the point at which compression begins. Varying
the gain between the RMS output and the VCA con-
trol input varies the compression ratio.
Feedforward compressor topologies are espe-
cially versatile because they cannot become unstable
due to oscillation in the control loop. Unity gain in
the sidechain produces infinite compression (where
the output remains constant regardless of increases
in the input signal). With feedforward, negative com-
pression ratios are easily achievable. (Negative com-
pression occurs when the output signal decreases
as the input signal increases.) This approximates the
effect of playing music backwards, since the attack
is suppressed and the release is increased in vol-
ume.
Many other variations of the feedforward concept
are possible. These include implementing more than
one threshold, different ratios, additional time con-
stants, ac-coupling of some (or all) of the detector
output signal, and many more. See AN101A, The
Mathematics of Log-Based Dynamic Processors, for
more details of how the sidechain gain determines
compression ratios.
Feedback Topologies
An alternative configuration for compressor/lim-
iter design is to feed the output signal into the RMS
detector. The RMS output is fed back (dc coupled)
to the VCA's negative control port to reduce signal
levels.
Similarly as with a feedforward designs, a
threshold in the sidechain serves to stop the com-
pression action at low signal levels.
The feedback topology behaves somewhat differ-
ently from feedforward. First, reaching infinite com-
pression requires infinite gain in the feedback loop
from RMS output to VCA control port. Of course, in-
finite gain is impossible, so practical feedback com-
pressors are usually limited to ratios no greater than
20 or so. Additionally, the gain in the feedback loop
alters the effective time constant of the detector,
shortening the attack as the ratio becomes higher.
This may or may not be appropriate, depending on
the desired effect.
Expander (Gate) Configurations
By changing the sign of the sidechain in a
feedforward compressor, it is possible to arrange
signal gain to decrease along with signal level, thus
producing an expander.
This is typically applied
below a threshold (so, the threshold detector’s po-
larity is reversed from that of a compressor) to re-
duce noise or crosstalk during pauses in program
material.
This technique has long been used for
"cleaning up" individual drum tracks to reduce re-
verberation, interference from microphones picking
up adjacent drum sounds, and alter the attack/decay
characteristic of individual drum sounds.
Practical gates usually require very fast attack
times, and carefully programmable release times. In
a 4305, this is best accomplished by using the RMS
detector as a log rectifier with very short time con-
stants, and following the detector output with a
time-constant stage that applies the desired attack
and release behavior. This alters the 4305 detector’s
natural response characteristics to peak, rather than
rms, time constants. We intend to produce an appli-
cation note showing examples of these circuits. Un-
til that is available, see DN 100, which shows a noise
gate application using THAT's 4301 Analog Engine.


Similar Part No. - THAT4305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4301 ETC1-THAT4301 Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
THAT4301A ETC1-THAT4301A Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
More results

Similar Description - THAT4305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4301A ETC1-THAT4301A Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
2162Q16-U ETC2-2162Q16-U Datasheet
140Kb / 11P
   Dual Pre-trimmed Blackmer
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
California Eastern Labs
UPC3230GR CEL-UPC3230GR Datasheet
1Mb / 9P
   Bipolar Analog Integrated Circuit (AGC AMPLIFIER PRE AMPLIFIER IC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com