Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2525A Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP2525A
Description  USB High-Side Power Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525A Datasheet(HTML) 8 Page - Sipex Corporation

  SP2525A Datasheet HTML 1Page - Sipex Corporation SP2525A Datasheet HTML 2Page - Sipex Corporation SP2525A Datasheet HTML 3Page - Sipex Corporation SP2525A Datasheet HTML 4Page - Sipex Corporation SP2525A Datasheet HTML 5Page - Sipex Corporation SP2525A Datasheet HTML 6Page - Sipex Corporation SP2525A Datasheet HTML 7Page - Sipex Corporation SP2525A Datasheet HTML 8Page - Sipex Corporation SP2525A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Date: 5/3/06 Rev I
SP2525A USB High-Side Power Switch
© Copyright 2006 Sipex Corporation
PACKAGE: 8 Pin NSOIC
FRONT VIEW
L
ø1
Gauge Plane
L2
c
R
R1
ø2
ø
Seating
Plane
h
h
ø1
D
E
E/2
3
2
1
b
e
E1
E1/2
6
8
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E1/2)
TOP VIEW
(L1)
5
4
7
D/2
A
A2
A1
SIDE VIEW
Seating Plane
MIN
NOM
MAX
MIN
NOM
MAX
A1.35
-
1.75
0.053
-
0.069
A1
0.10
-
0.25
0.004
-
0.010
A2
1.25
-
1.65
0.049
-
0.065
b0.31
-
0.51
0.012
-
0.020
c0.17
-
0.25
0.007
-
0.010
E
E1
e
h0.25
0.50
0.010
-
0.020
L0.40
-
1.27
0.016
-
0.050
L1
L2
R0.07
-
-
0.003
-
-
R1
0.07
-
-
0.003
-
-
ø0º
-
-
ø1
-
15º
-
15º
ø2
-
-
-
-
D
0.041 REF
SIPEX Pkg Signoff Date/Rev:
JL Aug16-05 / Rev A
4.90 BSC
6.00 BSC
3.90 BSC
1.27 BSC
1.04 REF
0.193 BSC
0.25 BSC
0.010 BSC
0.236 BSC
0.050 BSC
0.154 BSC
8 Pin NSOIC
JEDEC MS-012
Variation AA
SYMBOL
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm


Similar Part No. - SP2525A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
More results

Similar Description - SP2525A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC6166 AIC-AIC6166 Datasheet
854Kb / 11P
   Regulatory USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com