Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2302CPZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2302CPZ-REEL7
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  SSM2302CPZ-REEL7 Datasheet HTML 1Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 2Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 3Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 4Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 5Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 6Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 7Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 8Page - Analog Devices SSM2302CPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SSM2302
Rev. 0 | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VDD
Common-Mode Input Voltage
VDD
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature Range
(Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-lead, 3 mm × 3 mm LFCSP
44
31.5
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - SSM2302CPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM2302N SSC-SSM2302N Datasheet
150Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Analog Devices
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
More results

Similar Description - SSM2302CPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com