Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO2630-X006 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO2630-X006
Description  High Speed Optocoupler, 10 Mbd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2630-X006 Datasheet(HTML) 2 Page - Vishay Siliconix

  VO2630-X006 Datasheet HTML 1Page - Vishay Siliconix VO2630-X006 Datasheet HTML 2Page - Vishay Siliconix VO2630-X006 Datasheet HTML 3Page - Vishay Siliconix VO2630-X006 Datasheet HTML 4Page - Vishay Siliconix VO2630-X006 Datasheet HTML 5Page - Vishay Siliconix VO2630-X006 Datasheet HTML 6Page - Vishay Siliconix VO2630-X006 Datasheet HTML 7Page - Vishay Siliconix VO2630-X006 Datasheet HTML 8Page - Vishay Siliconix VO2630-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number 84732
Rev. 1.0, 07-Jun-05
6N137 / VO2601 / 11 / VO2630 / 31 / VO4661
Vishay Semiconductors
Truth Table (Positive Logic)
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
1) Package: Single DIP-8
2) Package: Dual DIP-8
Output
1) Package: Single DIP-8
2) Package: Dual DIP-8
Coupler
1) Package: DIP-8 through hole
2) Package: DIP-8 SMD
LED
ENABLE
OUTPUT
ON
H
L
OFF
H
H
ON
L
H
OFF
L
H
ON
NC
L
OFF
NC
H
Parameter
Test condition
Symbol
Value
Unit
Average forward current1)
IF
20
mA
Average forward current2)
IF
15
mA
Reverse input voltage
VR
5
V
Enable input voltage1)
VE
VCC + 0.5 VV
Enable input current1)
IE
5mA
Surge current
t = 100
µsI
FSM
200
mA
Parameter
Test condition
Symbol
Value
Unit
Supply voltage
1 minute max.
VCC
7
V
Output current
IO
50
mA
Output voltage
VO
7
V
Output power dissipation1)
PO
85
mW
Output power dissipation2)
PO
60
mW
Parameter
Test condition
Symbol
Value
Unit
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 40 to + 100
°C
Lead solder temperature1)
for 10 sec.
260
°C
Solder reflow temperature2)
for 1 minute
260
°C
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS


Similar Part No. - VO2630-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630-X006 VISHAY-VO2630-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
VO2630-X006 VISHAY-VO2630-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
More results

Similar Description - VO2630-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com