Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F269D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F269D
Description  8-bit bidirectional binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F269D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74F269D Datasheet HTML 4Page - NXP Semiconductors N74F269D Datasheet HTML 5Page - NXP Semiconductors N74F269D Datasheet HTML 6Page - NXP Semiconductors N74F269D Datasheet HTML 7Page - NXP Semiconductors N74F269D Datasheet HTML 8Page - NXP Semiconductors N74F269D Datasheet HTML 9Page - NXP Semiconductors N74F269D Datasheet HTML 10Page - NXP Semiconductors N74F269D Datasheet HTML 11Page - NXP Semiconductors N74F269D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F269
8–bit bidirectional binary counter
1996 Jan 05
8
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tPHL
VM
tPHL
VM
VM
VM
1/fMAX
tW(L)
CP
Qn
tW(H)
VM
VM
tPLH
tPLH
VM
TC
SF00791A
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
VM
tPLH
tPHL
CET
TC
SF00792
Waveform 2. Propagation Delay,
CET Input to Terminal Count Output
VM
VM
VM
tPLH
tPHL
VM
U/D
TC
SF00793
Waveform 3. Propagation Delay, Up/Down Count Control Input
to Terminal Count Output
CP
VM
VM
VM
VM
VM
VM
ts
ts(L)
ts(H)
th = 0
th = 0
Pn
PE
SF00844
VM
VM
th
Waveform 4. Parallel Data and Parallel Enable
Setup and Hold Times
CP
Qn
VM
VM
VM
VM
th(L)
th(H)
CET
CEP
ts(H)
ts(L)
COUNT
NO CHANGE
SF00842
VM
VM
Waveform 5. Count Enables Setup and Hold Times
CP
VM
VM
VM
VM
ts(H)
th
th
ts(L)
COUNT UP
COUNT DOWN
U/D
Qn
SF00839
VM
VM
Waveform 6. Up/Down Count Control Setup and Hold Times


Similar Part No. - N74F269D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F269D NXP-N74F269D Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
N74F269DB NXP-N74F269DB Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
More results

Similar Description - N74F269D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com