Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP2 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SMP2
Description  Surface Mount Power Cross Protection Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMP2 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SMP2 Datasheet HTML 1Page - Bel Fuse Inc. SMP2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMP - TIME CURRENT CHARACTERISTIC CURVE
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
2A
defining a degree of excellence
Type SMP 2A
Surface Mount Power Cross Protection Fuse


Similar Part No. - SMP2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP2 BEL-SMP2 Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP2 BEL-SMP2 Datasheet
476Kb / 4P
   Surface Mount Power Cross Protection Fuse
logo
List of Unclassifed Man...
SMP2-UWD ETC2-SMP2-UWD Datasheet
789Kb / 5P
   PLCC2 SMD Top View Package LED SMP2-UWD, WHITE
logo
Vishay Siliconix
SMP20 VISHAY-SMP20 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP20 VISHAY-SMP20 Datasheet
95Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
More results

Similar Description - SMP2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP BEL-SMP_12 Datasheet
476Kb / 4P
   Surface Mount Power Cross Protection Fuse
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bourns Electronic Solut...
B0500T BOURNS-B0500T_09 Datasheet
309Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
   Telecom - Power Cross Protection & Ballast Protection
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com