Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL10-05W3V3-V Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL10-05W3V3-V
Description  8 to 33W Non-isolated DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL10-05W3V3-V Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL10-05W3V3-V Datasheet HTML 1Page - Artesyn Technologies SIL10-05W3V3-V Datasheet HTML 2Page - Artesyn Technologies SIL10-05W3V3-V Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL10 Series
Single output
DC/DC CONVERTERS
8 to 33W Non-isolated DC/DC Converters
3
NEW Product
0.170 (4.32)
0.316
±0.008
(8.03
±0.20)
PCB
SIDE VIEW
PIN VIEW
2.000
±0.020
(50.80
±0.50)
0.100 (2.54)
1.900 (48.26)
0.050 (1.27)
0.500 (12.70)
J1
J2
1
53
62
1
54 3
2
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.15
3 Place
±0.006
Figure 1: Mechanical Drawing - Horizontal Mount Version
Figure 2: Mechanical Drawing - Vertical Mount Version
1.900 (48.26)
0.050 (1.27)
0.100 (2.54)
2.000
±0.020
(50.80
±0.50)
FRONT VIEW
0.500 (12.70)
0.635 (16.13)
0.135 (3.43)
PCB
0.168 (4.26)
SIDE VIEW
0.307
±0.008
(7.80
±0.20)
J1
J2
15
4
3
2
15
6
3
2
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.15
3 Place
±0.006
Data Sheet © Artesyn Technologies® 2003
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Data Sheet
www.artesyn.com
File Name: SIL10.PDF Rev: 02 Jan 2003


Similar Part No. - SIL10-05W3V3-V

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL104-100 DELTA-SIL104-100 Datasheet
83Kb / 1P
   SMT Power Inductor
SIL104-101 DELTA-SIL104-101 Datasheet
83Kb / 1P
   SMT Power Inductor
SIL104-150 DELTA-SIL104-150 Datasheet
83Kb / 1P
   SMT Power Inductor
SIL104-151 DELTA-SIL104-151 Datasheet
83Kb / 1P
   SMT Power Inductor
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIL10-05W3V3-V

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com