Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F2952 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F2952
Description  Registered transceiver, non-inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2952 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F2952 Datasheet HTML 4Page - NXP Semiconductors 74F2952 Datasheet HTML 5Page - NXP Semiconductors 74F2952 Datasheet HTML 6Page - NXP Semiconductors 74F2952 Datasheet HTML 7Page - NXP Semiconductors 74F2952 Datasheet HTML 8Page - NXP Semiconductors 74F2952 Datasheet HTML 9Page - NXP Semiconductors 74F2952 Datasheet HTML 10Page - NXP Semiconductors 74F2952 Datasheet HTML 11Page - NXP Semiconductors 74F2952 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F2952, 74F2953
Transceivers
1989 Sep 22
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
145
160
135
MHz
tPLH
tPHL
Propagation delay
CPBA or CPAB to An or Bn
Waveform 1
3.0
3.5
5.0
6.0
7.5
8.5
2.5
3.5
8.0
9.0
ns
tPZH
tPZL
Output Enable time
OEBA or OEAB to An or Bn
Waveform 3
Waveform 4
2.0
3.5
4.5
6.0
7.0
9.5
2.0
3.0
8.0
10.0
ns
tPHZ
tPLZ
Output Disable time
OEBA or OEAB to An or Bn
Waveform 3
Waveform 4
2.0
1.5
4.0
3.5
8.0
6.5
1.5
1.0
9.0
7.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
An or Bn to CPAB or CPBA
74F2952
Waveform 2
4.5
3.5
5.0
4.0
ns
ts(H)
ts(L)
Setup time, High or Low
An or Bn to CPAB or CPBA
74F2953
Waveform 2
4.0
3.5
4.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
An or Bn to CPAB or CPBA
Waveform 2
0.0
0.0
0.0
0.0
ns
ts(H)
ts(L)
Setup time, High or Low
CEAB, CEBA to CPAB, CPBA
Waveform 2
0.0
4.0
0.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
CEAB, CEBA to CPAB, CPBA
Waveform 2
2.5
2.5
2.5
3.0
ns
tw(H)
tw(L)
CPAB or CPBA pulse width,
High or Low
Waveform 1
3.0
3.5
3.0
3.5
ns


Similar Part No. - 74F2952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
   Quad 2-input multiplexer with storage
1989 Aug 14
logo
National Semiconductor ...
74F299 NSC-74F299 Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
74F299PC NSC-74F299PC Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
More results

Similar Description - 74F2952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
logo
NXP Semiconductors
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
   Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com