Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206-312ST Datasheet(PDF) 1 Page - CTS Corporation

Part # 206-312ST
Description  Multifunctional through hole DIP switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

206-312ST Datasheet(HTML) 1 Page - CTS Corporation

  206-312ST Datasheet HTML 1Page - CTS Corporation 206-312ST Datasheet HTML 2Page - CTS Corporation 206-312ST Datasheet HTML 3Page - CTS Corporation 206-312ST Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Multifunctional
through hole
DIP switches
Features
Optimized Mechanical Features
• Series 206 SPST, SPDT, DPST, DPDT,
3PST or 4PST circuitry choices
• Series 206 and Series 208 SPST available in
2 through 10 and 12 positions
• Standard 2.54mm (.100") x 7.62mm (.300") DIP
centers
• Available with flush actuators for low profile
SPST applications
• Sealed version optional; assures
contaminant-free switch operation after
flow soldering and cleaning
Optimized Contact System
• Contact wiping on make and break
• Integral terminal and contact locked into
thermoset base
• Electrostatic discharge shield rated to 22 KV
Materials
• Series 206 gold-plated contacts for long-term
contact corrosion resistance
• Series 208 tin-lead contacts
• All U.L. 94 V-0 plastics used
Series 206/208 DIP
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Switch Function
Series 206 and 208 single pole single throw
Series 206 - single pole double throw
- double pole single throw
- double pole double throw
- 3 pole single throw
- 4 pole single throw
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum across open switch
1,000 megohms minimum between adjacent
closed switches
Dielectric Strength
500 VAC minimum for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC
Switch Capacitance
5.0 pF maximum between adjacent switches
Operating Temperature
–55°C to +85°C
Actuation Life
Series 206: 10,000 cycles switching
50 mA @ 24 VDC
Series 208: 2,000 cycles switching
50 mA @ 15 VDC
Allowable Solder Time
Up to 4 seconds with 260°C solder
Vibration
Per MIL-STD-202F, method 204D, condition B
with no contact inconsistencies greater than
1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
with no contact inconsistencies greater than
1 microsecond
Sealing
Bottom epoxy seal optional
Top tape seal optional
Marking
Special side or top marking available-consult CTS
Technical Data Sheet 4206D
Switch Series
Initial, max.
End of life, max.
206
50 milliohms
100 millohms
208
100 milliohms
500 millohms
Series 206 – Premium Gold Plated Contacts
Series 208 – Economical Tin-Lead Plated Contacts


Similar Part No. - 206-312ST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-312 CTS-206-312 Datasheet
386Kb / 4P
   Through Hole DIP Switch
More results

Similar Description - 206-312ST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
206221 CTS-206221 Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
206-208 CTS-206-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
   Box type Through-hole Mounting Piano DIP Switches
logo
Tyco Electronics
2-435166-9 MACOM-2-435166-9 Datasheet
6Mb / 326P
   DIP Switches, Recessed Rocker, Through Hole and Surface Mount
logo
Grayhill, Inc
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com