Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250B20F102A2NA Datasheet(PDF) 4 Page - CTS Corporation

Part # 250B20F102A2NA
Description  Commercial Composition 9mm Diameter Variable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250B20F102A2NA Datasheet(HTML) 4 Page - CTS Corporation

  250B20F102A2NA Datasheet HTML 1Page - CTS Corporation 250B20F102A2NA Datasheet HTML 2Page - CTS Corporation 250B20F102A2NA Datasheet HTML 3Page - CTS Corporation 250B20F102A2NA Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
“L” SHAFTS LENGTH
*15 – 15MM
**20 – 20MM
**25 – 25MM
30 – 30MM
*NOT AVAILABLE
IN SINGLE
SECTION WITH
BUSHING OR
DUAL SECTION
**NOT AVAILABLE
IN DUAL SECTION
U – PC FORMED TO REAR
B – 6.5MM HEIGHT, P.C.
(SINGLE SECTION ONLY)
X – 10.0MM HEIGHT, P.C.
Y – 10.0MM HEIGHT, P.C.
COVER EAR IN FRONT
OF TERMINALS
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
5m-4-99
I
Ordering Information
250
U
20
F
102
B
1
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
DETENT
N– NO
DETENT
* C– CENTER
DETENT
* NOT
AVAILABLE
IN DUAL
SECTION
SHAFTS TRIM
* B – KNURLED 24 TEETH,
4MM DIAMETER
F – FLATTED 4.5MM,
THICKNESS
6MM DIAMETER
**L – KNURLED 40 TEETH,
6MM DIAMETER
* NOT AVAILABLE IN
SINGLE SECTION WITH
BUSHING OR DUAL
SECTION
**NOT AVAILABLE IN DUAL
SECTION
TAPER
1 – LINEAR
2 – CW 10% AUDIO
3 – CCW 10% AUDIO
4 – CW 15% AUDIO
5 – CCW 15% AUDIO
6 – CW 20% AUDIO
7 – CCW 20% AUDIO
8 – CW 30% AUDIO
9 – CCW 30% AUDIO
A – CW 5% AUDIO
B – CCW 5% AUDIO
* A – DUAL SECTION WITH BUSHING
* B – SINGLE SECTION WITH BUSHING
D – DUAL SECTION
BLANK – SINGLE SECTION
WITHOUT BUSHING
* U STYLE TERMINALS ONLY
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
UMD250RE
DIMENSION:
MM
INCH


Similar Part No. - 250B20F102A2NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
250B15N105JV4E ETC2-250B15N105JV4E Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4R ETC2-250B15N105JV4R Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4T ETC2-250B15N105JV4T Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4U ETC2-250B15N105JV4U Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105KV4E ETC2-250B15N105KV4E Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
More results

Similar Description - 250B20F102A2NA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com