Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250B20L102A2NA Datasheet(PDF) 2 Page - CTS Corporation

Part # 250B20L102A2NA
Description  Commercial Composition 9mm Diameter Variable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250B20L102A2NA Datasheet(HTML) 2 Page - CTS Corporation

  250B20L102A2NA Datasheet HTML 1Page - CTS Corporation 250B20L102A2NA Datasheet HTML 2Page - CTS Corporation 250B20L102A2NA Datasheet HTML 3Page - CTS Corporation 250B20L102A2NA Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
250Y
250U
DIMENSION:
MM
INCH
250 B or X


Similar Part No. - 250B20L102A2NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
250B15N105JV4E ETC2-250B15N105JV4E Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4R ETC2-250B15N105JV4R Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4T ETC2-250B15N105JV4T Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105JV4U ETC2-250B15N105JV4U Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
250B15N105KV4E ETC2-250B15N105KV4E Datasheet
66Kb / 2P
   LOW INDUCTANCE CHIP CAPACITORS
More results

Similar Description - 250B20L102A2NA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com