Electronic Components Datasheet Search |
|
LTC5505-1ES5 Datasheet(PDF) 8 Page - Linear Technology |
|
LTC5505-1ES5 Datasheet(HTML) 8 Page - Linear Technology |
8 / 8 page LTC5505-1/LTC5505-2 8 5505f LT/TP 1102 2K • PRINTED IN USA Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 q FAX: (408) 434-0507 q www.linear.com ©LINEAR TECHNOLOGY CORPORATION 2001 RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LT1618 Constant Current/Constant Voltage, 1.4MHz, Up to 16 White LEDs, VIN = 1.6V to 18V, VOUT Max = 34V, High Efficiency Boost Regulator IQ = 1.8mA, ISD = <1µA, MS10 LTC1733 Standalone Li-Ion Linear Battery Charger Monolithic Charger, Thermal Rejection Prevents Overheating, Small Design, Up to 1.5A Charge Current LTC1734/ Li-Ion Linear Battery Charger in ThinSOT 50mA to 700mA Charge Current, Only Three Components for Complete Solution LTC1734L LTC1878 600mA IOUT, 550kHz, Synchronous Step-Down 95% Efficiency, VIN = 2.7V to 6V, VOUT Min = 0.8V, DC/DC Converter IQ = 10µA, ISD = <1µA, MS8 LT1932 Constant Current, 1.2MHz, High Efficiency Up to 8 White LEDs, VIN = 1V to 10V, VOUT Max = 34V, White LED Boost Regulator IQ = 1.2mA, ISD = <1µA, ThinSOT LT1937 Constant Current, 1.2MHz, High Efficiency Up to 4 White LEDs, VIN = 2.5V to 10V, VOUT Max = 34V, White LED Boost Regulator IQ = 1.9mA, ISD = <1µA, ThinSOT, SC70 LTC3200 Low Noise, 2MHz, Regulated Charge Pump Up to 6 White LEDs, VIN = 2.7V to 4.5V, White LED Driver IQ = 8mA, ISD = <1µA, MS10 LTC3200-5 Low Noise, 2MHz, Regulated Charge Pump Up to 6 White LEDs, VIN = 2.7V to 4.5V, White LED Driver IQ = 6.5mA, ISD = <1µA, ThinSOT LTC3201 Low Noise, 1.7MHz, Regulated Charge Pump Up to 6 White LEDs, VIN = 2.7V to 4.5V, White LED Driver IQ = 6.5mA, ISD = <1µA, MS10 LTC3202 Low Noise, 1.5MHz, Regulated Charge Pump Up to 8 White LEDs, VIN = 2.7V to 4.5V, White LED Driver IQ = 5mA, ISD = <1µA, MS10 LTC3404 600mA IOUT, 1.4MHz, Synchronous Step-Down 95% Efficiency, VIN = 2.7V to 6V, VOUT Min = 0.8V, DC/DC Converter IQ = 10µA, ISD = <1µA, MS8 LTC3405/ 300mA IOUT, 1.5MHz, Synchronous Step-Down 95% Efficiency, VIN = 2.7V to 6V, VOUT Min = 0.8V, LTC3405A DC/DC Converter IQ = 20µA, ISD = <1µA, ThinSOT LTC3406/ 600mA IOUT, 1.5MHz, Synchronous Step-Down 95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.6V, LTC3406B DC/DC Converter IQ = 20µA, ISD = <1µA, ThinSOT LTC3412 2.5A IOUT, 4MHz, Synchronous Step-Down 95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.8V, DC/DC Converter IQ = 60µA, ISD = <1µA, TSSOP-16E LTC3411 1.25A IOUT, 4MHz, Synchronous Step-Down 95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.8V, DC/DC Converter IQ = 60µA, ISD = <1µA, MS10 LTC3440 600mA IOUT, 2MHz, Synchronous Buck-Boost 95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 2.5V, DC/DC Converter IQ = 25µA, ISD = <1µA, MS10 LTC4052 Li-Ion Battery Pulse Charger Minimum Heat Dissipation, Current Limit for Safety, Standalone Charger, Monolithic LTC4053 USB Compatible Li-Ion Charger Standalone, Monolithic, 100mA/500mA or Up to 2A from Wall Adapter LTC4412 Low Loss PowerPath TM Controller Replaces Power Supply ORing Diodes, High Efficiency PowerPath is a trademark of Linear Technology Corporation. |
Similar Part No. - LTC5505-1ES5 |
|
Similar Description - LTC5505-1ES5 |