Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

296UC501C1B Datasheet(PDF) 1 Page - CTS Corporation

Part # 296UC501C1B
Description  Commercial 12mm Diameter Composition Variable Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

296UC501C1B Datasheet(HTML) 1 Page - CTS Corporation

  296UC501C1B Datasheet HTML 1Page - CTS Corporation 296UC501C1B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Commercial
12mm Diameter
Composition
Variable Resistors
• Miniature 12mm size
• Low cost
• P.C. board mounting
• 500 ohms through 1 megohms
• Detent available
Series 296
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Resistance Range
Standard: 500 ohms through 1 megohms.
Special:
For non-standard resistance values,
please contact CTS.
Resistance Tolerance
Standard: ±20%
Special:
Tighter tolerances available in most
resistance values.
Power Rating, Watts
0.15 watts @ 50°C derated to no load @ 85°C
for linear curve.
0.1 watts @ 50°C derated to no load @ 85°C
for regular non-linear curve.
Voltage Rating
Across end terminals:
Standard 250 VDC; Special: 350 VDC load
not to exceed wattage ratings at given ambient
temperature.
Angle of Rotation
Total Rotation: 300° ± 5°
Effective Electrical Rotation: 280° (approximate)
Rotational Torque
20 – 216 gcm
Stop Strength
5" lbs (5.76 kg-cm) minimum stop strength.
Mounting Information
P.C. board mounting
Type “X”: Control shaft parallel to P.C. board.
Type “U”: Control shaft vertical to P.C. board.
Detent
50% detent available.
Technical Data Sheet 1296


Similar Part No. - 296UC501C1B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296UC501C1C CTS-296UC501C1C Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
296UC501C1N CTS-296UC501C1N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
More results

Similar Description - 296UC501C1B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com