Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA13 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBTA13
Description  NPN Transistors Darlington Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA13 Datasheet(HTML) 3 Page - Weitron Technology

  MMBTA13 Datasheet HTML 1Page - Weitron Technology MMBTA13 Datasheet HTML 2Page - Weitron Technology MMBTA13 Datasheet HTML 3Page - Weitron Technology MMBTA13 Datasheet HTML 4Page - Weitron Technology MMBTA13 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA13
MMBTA14
WEITRON
http://www.weitron.com.tw
F IG .4 Total Wideband Nois e Voltage
RS, SOURCE RESISTANCE (kW)
F IG .5 W ideband Nois e F igure
RS, SOURCE RESISTANCE (kW)
50
70
100
200
30
10
20
1.0
2.0
5.0
10
20
50
100
200
500
1000
BANDWIDTH = 10 Hz TO 15.7 kHz
IC =10 mA
100mA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500
1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 mA
100 mA
IC =1.0 mA
F IG .6 C apacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
F IG .7 High F requency C urrent G ain
IC, COLLECTOR CURRENT (mA)
F IG .8 DC C urrent G ain
IC, COLLECTOR CURRENT (mA)
F IG .9 C ollector S aturation R egion
IB, BASE CURRENT (mA)
2.0
200 k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ =25 C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE =5.0 V
f = 100 MHz
TJ =25 C
100 k
70 k
50 k
30 k
20 k
10 k
7.0 k
5.0 k
3.0 k
2.0 k
7.0 10
20
30
50 70 100
200 300
500
TJ =125 C
25 C
- 55 C
VCE =5.0 V
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50
100 200
500 1000
TJ =25 C
IC = 10 mA 50 mA
250 mA
500 mA


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTA13 SEMTECH_ELEC-MMBTA13 Datasheet
171Kb / 2P
   NPN Silicon Epitaxial Planar Darlington Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBTA13 HOTTECH-MMBTA13 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
   NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Daya Electric Group Co....
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
logo
Leshan Radio Company
MMBTA13LT1 LRC-MMBTA13LT1 Datasheet
210Kb / 5P
   Darlington Amplifier Transistors(NPN Silicon)
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
   Darlington Amplifier Transistors
logo
WILLAS ELECTRONIC CORP
MMBTA1XLT1 WILLAS-MMBTA1XLT1 Datasheet
446Kb / 6P
   Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1 ONSEMI-MMBTA13LT1_06 Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA13LT1G ONSEMI-MMBTA13LT1G_09 Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G_15 Datasheet
330Kb / 6P
   Darlington Amplifier Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com