Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2112 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMUN2112
Description  Bias Resistor Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2112 Datasheet(HTML) 1 Page - Weitron Technology

  MMUN2112 Datasheet HTML 1Page - Weitron Technology MMUN2112 Datasheet HTML 2Page - Weitron Technology MMUN2112 Datasheet HTML 3Page - Weitron Technology MMUN2112 Datasheet HTML 4Page - Weitron Technology MMUN2112 Datasheet HTML 5Page - Weitron Technology MMUN2112 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bias Resistor Transistor
Collector-Emitter Voltage
Symbol
VCEO
Value
50
Unit
Rating
IC
VCBO
50
mAdc
Vdc
Vdc
Collector Current-Continuous
100
MMUN2111 Series
http://www.weitron.com.tw
WEITRON
Maximum Ratings ( TA=25 C unless otherwise noted)
Total Device Dissipation FR-5 Board
(1)TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature Range
Characteristics
TJ,Tstg
R JA
PD
Symbol
Max
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
246 (1)
(2)
(1)
(2)
400
1.5
2.0
508
311
-55 to +150
Collector-Base Voltage
1.FR-4 @ minimum pad
2.FR-4 @ 1.0 1.0 inch Pad
Device
MMUN2111
MMUN2112
MMUN2113
MMUN2114
MMUN2115
MMUN2116
MMUN2130
Marking
R1(K)
R2(K)
A6A
A6B
A6C
A6D
A6E
A6F
A6G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MMUN2131
MMUN2132
MMUN2133
MMUN2134
Marking
R1(K)
R2(K)
A6H
A6J
A6K
A6L
2.2
4.7
4.7
22
2.2
4.7
47
47
l
PNP Silicon
θ
COLLECTOR
EMITTER
BASE
R 1
R 2
SOT-23
1
1
2
3
2
3


Similar Part No. - MMUN2112

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2112 LRC-MMUN2112 Datasheet
266Kb / 7P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2112L ONSEMI-MMUN2112L Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 1
MMUN2112L ONSEMI-MMUN2112L Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Motorola, Inc
MMUN2112LT1 MOTOROLA-MMUN2112LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MMUN2112LT1 ONSEMI-MMUN2112LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
More results

Similar Description - MMUN2112

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com