Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA05 Datasheet(PDF) 1 Page - Weitron Technology

Part # MPSA05
Description  Driver NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPSA05 Datasheet(HTML) 1 Page - Weitron Technology

  MPSA05 Datasheet HTML 1Page - Weitron Technology MPSA05 Datasheet HTML 2Page - Weitron Technology MPSA05 Datasheet HTML 3Page - Weitron Technology MPSA05 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
MPSA06
MPSA05
Unit
Vdc
Vdc
Vdc
mAdc
Rating
MPSA05
MPSA06
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
Driver NPN Transistors
(Ta=25 C)
60
4.0
500
60
Total Device Dissipation T =25 C
0.625
W
Junction Temperature
T j
150
Storage,Temperature
-55 to +150
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= 1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= 100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= 100 uAdc, IC=0)
Collector Cutoff Current
Collector Cutoff Current
Emitter Cutoff Current (VEB= 3.0V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICE0
ICBO
IEBO
4.0
-
-
-
-
-
-
0.1
Vdc
Vdc
Vdc
uAdc
uAdc
uAdc
60
80
60
80
0.1
0.1
d
C
80
80
MPSA05
MPSA06
MPSA05
MPSA06
MPSA05
MPSA06
(VCE= 50 Vdc, I =0)
(VCE= 60 Vdc, I =0)
B
B
MPSA05
MPSA06
(VCE= 60 Vdc, I =0)
(VCE= 80 Vdc, I =0)
B
B


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA05 MCC-MPSA05 Datasheet
258Kb / 2P
   NPN General Purpose Amplifier
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
Unisonic Technologies
MPSA05 UTC-MPSA05 Datasheet
131Kb / 3P
   NPN MPSA05 PNP MPSA55
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBTA05 WEITRON-MMBTA05_10 Datasheet
249Kb / 4P
   Driver NPN Transistors
MMBTA05 WEITRON-MMBTA05 Datasheet
256Kb / 4P
   Driver NPN Transistors
logo
Leshan Radio Company
MMBTA05LT1 LRC-MMBTA05LT1 Datasheet
51Kb / 2P
   Driver Transistors(NPN Silicon)
BSS64LT1 LRC-BSS64LT1 Datasheet
21Kb / 2P
   Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA05LT1 ONSEMI-MMBTA05LT1 Datasheet
73Kb / 8P
   Driver Transistors(NPN Silicon)
May, 2002 ??Rev. 2
MMBTA05LT1G ONSEMI-MMBTA05LT1G Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
logo
Leshan Radio Company
LMBTA06UT1G LRC-LMBTA06UT1G Datasheet
143Kb / 3P
   Dual Driver Transistors NPN/PNP Duals RoHS requirements.
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com