Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5241BW Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBZ5241BW
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBZ5241BW Datasheet(HTML) 3 Page - Weitron Technology

  MMBZ5241BW Datasheet HTML 1Page - Weitron Technology MMBZ5241BW Datasheet HTML 2Page - Weitron Technology MMBZ5241BW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http//www.weitron.com.tw
MMBZ5221BW Series
Electrical Characteristics @ T
A=25˚C unless otherwise specified
Notes: 2. Tested with pulses, Tp ≤ 1.0ms.
Type
Number
Marking
Code
Zener Voltage Range(2)
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
=0.25mA
IR
@ VR
mA
µA
Ω
V
MMBZ5221BW
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BW
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BW
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BW
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BW
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BW
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BW
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BW
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BW
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BW
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5234BW
KE4
6.2
5.89
6.51
20
7.0
1000
5.0
4.0
MMBZ5235BW
KE5
6.8
6.46
7.14
20
5.0
750
3.0
5.0
MMBZ5236BW
KF1
7.5
7.13
7.88
20
6.0
500
3.0
6.0
MMBZ5237BW
KF2
8.2
7.79
8.61
20
8.0
500
3.0
6.5
MMBZ5239BW
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BW
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BW
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BW
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BW
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BW
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BW
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BW
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BW
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BW
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BW
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BW
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BW
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BW
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BW
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BW
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BW
KM4
39
37.05
40.95
3.2
80
800
0.1
30
Nom (V)
Min (V)
Max (V)
3/3
17-Aug-05


Similar Part No. - MMBZ5241BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5241BW PANJIT-MMBZ5241BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5241BW SKTECHNOLGY-MMBZ5241BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5241BW DIODES-MMBZ5241BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5241BW DIODES-MMBZ5241BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
logo
Won-Top Electronics
MMBZ5241BW WTE-MMBZ5241BW Datasheet
76Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - MMBZ5241BW

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com