Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5214DW Datasheet(PDF) 2 Page - Weitron Technology

Part # MUN5214DW
Description  Surface Mount Dual Bias Resistor Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5214DW Datasheet(HTML) 2 Page - Weitron Technology

  MUN5214DW Datasheet HTML 1Page - Weitron Technology MUN5214DW Datasheet HTML 2Page - Weitron Technology MUN5214DW Datasheet HTML 3Page - Weitron Technology MUN5214DW Datasheet HTML 4Page - Weitron Technology MUN5214DW Datasheet HTML 5Page - Weitron Technology MUN5214DW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUN5211DW Series
WEITRON
http://www.weitron.com.tw
Collector-Base Cutoff Current (VCB=50Vdc, I =0)
Collector-Emitter Cutoff Current(V =50Vdc, I =0)
Emitter-Base Cutoff Current (V =6.0Vdc, IC=0)
Collector-Base Breakdown Voltage (I =10uAdc, I =0)
Collector-Emitter Breakdown Voltage(4) (I =2.0mA, I =0)
I
MUN5211DW
MUN5212DW
MUN5213DW
MUN5214DW
MUN5215DW
MUN5216DW
MUN5230DW
MUN5231DW
MUN5232DW
MUN5233DW
MUN5234DW
MUN5235DW
MUN5236DW
MUN5237DW
V
-
-
nAdc
nAdc
mAdc
Vdc
Vdc
Off C har acter istics
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50
50
100
500
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
E
B
CE
C
C
B
EB
E
CBO
I CEO
I EBO
(BR)CBO
V(BR)CEO
4. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%
2/6
Rev.A 29-Dec-05


Similar Part No. - MUN5214DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5214DW WEITRON-MUN5214DW Datasheet
581Kb / 9P
   Surface Mount Dual Bias Resistor Transistor
logo
Yea Shin Technology Co....
MUN5214DW YEASHIN-MUN5214DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
AiT Semiconductor Inc.
MUN5214DW AITSEMI-MUN5214DW Datasheet
1Mb / 12P
   BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5214DW1 ONSEMI-MUN5214DW1 Datasheet
88Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2014 ??Rev. 2
logo
Motorola, Inc
MUN5214DW1T1 MOTOROLA-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
More results

Similar Description - MUN5214DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2211LT1G ONSEMI-MMUN2211LT1G_10 Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com