Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5133DW Datasheet(PDF) 3 Page - Weitron Technology

Part # MUN5133DW
Description  Dual Bias Resistor Transistor PNP Silicon
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5133DW Datasheet(HTML) 3 Page - Weitron Technology

  MUN5133DW Datasheet HTML 1Page - Weitron Technology MUN5133DW Datasheet HTML 2Page - Weitron Technology MUN5133DW Datasheet HTML 3Page - Weitron Technology MUN5133DW Datasheet HTML 4Page - Weitron Technology MUN5133DW Datasheet HTML 5Page - Weitron Technology MUN5133DW Datasheet HTML 6Page - Weitron Technology MUN5133DW Datasheet HTML 7Page - Weitron Technology MUN5133DW Datasheet HTML 8Page - Weitron Technology MUN5133DW Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
WEITRON
http://www.weitron.com.tw
MUN5111DW Series
Characteristics
Symbol
Min
Max
Unit
Typ
Electrical Characteristics (TA=25 C Unless Otherwise noted)
DC Current Gain
(VCE=-10V, I =-5.0mA)
Output Voltage(on)
(VCC=-5.0V,V =-2.5V, R =1.0k )
h
On Characteristics
35
60
80
80
160
160
8.0
3.0
15
80
80
80
80
80
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
60
100
140
140
250
250
15
5.0
27
140
130
140
150
140
C
B
L
B
L
(3)
FE
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-4.9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Vdc
Vdc
3. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
(V =-5.0V,V =-3.5V, R =1.0k )
CC
L
B
(V =-5.0V,V =-5.5V, R =1.0k )
CC
L
B
(V =-5.0V,V =-4.0V, R =1.0k )
CC
VOL
VOH
Output Voltage(off)
WE IT R ON
MUN5111DW
MUN5112DW
MUN5113DW
MUN5114DW
MUN5115DW
MUN5116DW
MUN5130DW
MUN5131DW
MUN5132DW
MUN5133DW
MUN5134DW
MUN5135DW
MUN5136DW
MUN5137DW
MUN5111DW
MUN5112DW
MUN5113DW
MUN5114DW
MUN5115DW
MUN5115DW
MUN5116DW
MUN5116DW
MUN5130DW
MUN5131DW
MUN5131DW
MUN5132DW
MUN5133DW
MUN5133DW
MUN5134DW
MUN5135DW
MUN5136DW
MUN5137DW
MUN5130DW
L
B
(V =-5.0V,V =-0.05V, R =1.0k )
CC
L
B
(V =-5.0V,V =-0.25V, R =1.0k )
CC
L
B
(V =-5.0V,V =-0.5V, R =1.0k )
CC


Similar Part No. - MUN5133DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5133DW WEITRON-MUN5133DW Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
logo
Yea Shin Technology Co....
MUN5133DW YEASHIN-MUN5133DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5133DW1 ONSEMI-MUN5133DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
logo
Motorola, Inc
MUN5133DW1T1 MOTOROLA-MUN5133DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5133DW1T1 ONSEMI-MUN5133DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
More results

Similar Description - MUN5133DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5311DW WEITRON-MUN5311DW Datasheet
1Mb / 29P
   Dual Bias Resistor Transistor NPNPNP Silicon
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com