Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5136DW Datasheet(PDF) 11 Page - Weitron Technology

Part # MUN5136DW
Description  Dual Bias Resistor Transistor PNP Silicon
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5136DW Datasheet(HTML) 11 Page - Weitron Technology

Back Button MUN5136DW Datasheet HTML 7Page - Weitron Technology MUN5136DW Datasheet HTML 8Page - Weitron Technology MUN5136DW Datasheet HTML 9Page - Weitron Technology MUN5136DW Datasheet HTML 10Page - Weitron Technology MUN5136DW Datasheet HTML 11Page - Weitron Technology MUN5136DW Datasheet HTML 12Page - Weitron Technology MUN5136DW Datasheet HTML 13Page - Weitron Technology MUN5136DW Datasheet HTML 14Page - Weitron Technology MUN5136DW Datasheet HTML 15Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
WEITRON
http://www.weitron.com.tw
MUN5111DW Series
WE IT R ON
MUN5111DW Series
TYPICAL ELECTRICAL CHARACTERISTICS-MUN5130DW
75 C
25 C
-25 C
FIG.32 VCE(sat) versus IC
FIG.33 DC Current Gain
FIG.34 Output Capacitance
FIG.35 Output Current versus Input Voltage
Vin , INP UT VOLTAG E (VOLTS )
V R , R E VE R S E BIAS VOLTAG E (VOLTS )
FIG.36 Input Voltage versus Output Current
IC , C OLLE C TOR C UR R E NT (mA)
IC , C OLLE C TOR C UR R E NT (mA)
1
0.1
30
25
20
15
10
5
0
IC, C OLLE C TOR C UR R E NT (mA)
100
10
1
100
10
1
0.001
1000
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
15
10
5
0
0.1
1
20
25
75 C
25 C
TA = -25 C
75 C
25 C
TA = -25 C
75 C
25 C
TA = -25 C
0.01
0.01
0.1
T B D
IC/IB= 10
VCE = 10 V
VO = 5 V
VO = 0.2 V


Similar Part No. - MUN5136DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5136DW WEITRON-MUN5136DW Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
logo
Yea Shin Technology Co....
MUN5136DW YEASHIN-MUN5136DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
MUN5136DW YEASHIN-MUN5136DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5136DW1 ONSEMI-MUN5136DW1 Datasheet
114Kb / 6P
   Dual PNP Bias Resistor Transistors
January, 2014 ??Rev. 1
MUN5136DW1T1 ONSEMI-MUN5136DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
More results

Similar Description - MUN5136DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5311DW WEITRON-MUN5311DW Datasheet
1Mb / 29P
   Dual Bias Resistor Transistor NPNPNP Silicon
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com