Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38277E5-XXXFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M38277E5-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38277E5-XXXFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M38277E5-XXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38277E5-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3827 Group
MITSUBISHI MICROCOMPUTERS
PIN DESCRIPTION
Table 1 Pin description (1)
VCC, VSS
Function
Pin
Name
Function except a port function
•LCD segment output pins
Power source
•Apply voltage of 2.2 V to 5.5 V to VCC, and 0 V to VSS.
VREF
AVSS
RESET
XIN
XOUT
VL1–VL3
C1, C2
COM0–COM3
SEG0–SEG17
P00/SEG26
P07/SEG33
P10/SEG34
P15/SEG39
P16, P17
P20 – P27
P30/SEG18
P37/SEG25
Analog refer-
ence voltage
Analog power
source
Reset input
Clock input
Clock output
LCD power
source
Charge-pump
capacitor pin
Common output
Segment output
I/O port P0
I/O port P1
I/O port P2
Output port P3
•Reference voltage input pin for A-D converter and D-A converter.
•GND input pin for A-D converter and D-A converter.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the main clock generating circuit.
•Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
•Input 0
≤ VL1 ≤ VL2 ≤ VL3 ≤ VCC voltage.
•Input 0 – VL3 voltage to LCD.
•External capacitor pins for a voltage multiplier (3 times) of LCD contorl.
•LCD common output pins.
•COM2 and COM3 are not used at 1/2 duty ratio.
•COM3 is not used at 1/3 duty ratio.
•LCD segment output pins.
•8-bit output port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•I/O direction register allows each port to be individually
programmed as either input or output.
•6-bit output port with same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•I/O direction register allows each 6-bit pin to be pro-
grammed as either input or output.
•2-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually programmed as either input or output.
•Pull-up control is enabled.
•8-bit I/O port with same function as por t P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•8-bit output port with same function as port P0.
•CMOS 3-state output structure.
•Port output control is enabled.
•Key input (key-on wake-up) interrupt
input pins
•LCD segment output pins


Similar Part No. - M38277E5-XXXFP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38277E5-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com