Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F322 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F322
Description  8-bit serial/parallel register with sign extend 3-State
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F322 Datasheet(HTML) 7 Page - NXP Semiconductors

  74F322 Datasheet HTML 1Page - NXP Semiconductors 74F322 Datasheet HTML 2Page - NXP Semiconductors 74F322 Datasheet HTML 3Page - NXP Semiconductors 74F322 Datasheet HTML 4Page - NXP Semiconductors 74F322 Datasheet HTML 5Page - NXP Semiconductors 74F322 Datasheet HTML 6Page - NXP Semiconductors 74F322 Datasheet HTML 7Page - NXP Semiconductors 74F322 Datasheet HTML 8Page - NXP Semiconductors 74F322 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1988 Apr 22
7
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
RE to CP
Waveform 3
8.0
12.5
9.5
14.0
ns
ns
th(H)
th(L)
Hold time, High or Low
RE to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
D0, D1 or I/On to CP
Waveform 3
4.0
4.5
6.0
5.0
ns
ns
th(H)
th(L)
Hold time, High or Low
D0, D1 or I/On to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
SE to CP
Waveform 3
5.5
5.0
7.0
5.5
ns
ns
th(H)
th(L)
Hold time, High or Low
SE to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
S/P to CP
Waveform 3
10.5
9.5
11.0
10.5
ns
ns
ts(H)
ts(L)
Setup time, High or Low
S to CP
Waveform 3
4.0
8.5
4.5
9.5
ns
ns
th(H)
th(L)
Hold time, High or Low
S or S/P to CP
Waveform 3
0
0
0
0
ns
ns
tw(H)
tw(L)
CP Pulse width, High or Low
Waveform 3
5.0
5.0
5.0
5.0
ns
tw(L)
MR Pulse width, Low
Waveform 3
5.0
5.0
ns
tREC
Recovery time, MR to CP
Waveform 2
4.0
4.5
ns


Similar Part No. - 74F322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F322 NSC-74F322 Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
logo
Fairchild Semiconductor
74F322 FAIRCHILD-74F322 Datasheet
53Kb / 6P
   Octal Serial/Parallel Register with Sign Extend
logo
National Semiconductor ...
74F322PC NSC-74F322PC Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
logo
Fairchild Semiconductor
74F322PC FAIRCHILD-74F322PC Datasheet
53Kb / 6P
   Octal Serial/Parallel Register with Sign Extend
logo
National Semiconductor ...
74F322SJ NSC-74F322SJ Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
More results

Similar Description - 74F322

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F322 FAIRCHILD-74F322 Datasheet
53Kb / 6P
   Octal Serial/Parallel Register with Sign Extend
logo
National Semiconductor ...
54F322DM NSC-54F322DM Datasheet
178Kb / 10P
   Octal Serial/Parallel Register with Sign Extend
logo
Texas Instruments
SN74LS322A TI1-SN74LS322A Datasheet
235Kb / 6P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
Motorola, Inc
SN54LS322A MOTOROLA-SN54LS322A Datasheet
113Kb / 4P
   8-BIT SHIFT REGISTERS WITH SIGN EXTEND
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
   8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com