Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600M Datasheet(PDF) 3 Page - Weitron Technology

Part # P600M
Description  6.0 Amp Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P600M Datasheet(HTML) 3 Page - Weitron Technology

  P600M Datasheet HTML 1Page - Weitron Technology P600M Datasheet HTML 2Page - Weitron Technology P600M Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P600A thru P600M
http://www.weitron.com.tw
WEITRON
3/3
16-Dec-03
0.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80 100 120 140
FIG.5 - TYPICAL THERMAL RESISTANCE VS. LEAD LENGTH
25
20
15
10
5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
500
FORWARD VOLTAGE(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
40
0.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
6
5
4
3
2
1
Ground Plane
1" X 1" Copper
surface area
PC BOARD
Recommended
PC Board
Single Phase Half Wave 60Hz
Resistive Or Inductive Load
Standard PC Board
Mounting
Mounting
Tj=100°C
EQUAL LEAD LENGTH TO HEAT SINK, INCHES
Tj=25°C
Tj=25°C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
0
200
300
400
500
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25ºC
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD CHARACTERISTICS
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,(°C)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
PC BOARD


Similar Part No. - P600M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P600M SUNMATE-P600M Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Pan Jit International I...
P600M PANJIT-P600M Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Taiwan Semiconductor Co...
P600M TSC-P600M Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Gulf Semiconductor
P600M GULFSEMI-P600M Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Vishay Siliconix
P600M VISHAY-P600M Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
More results

Similar Description - P600M

ManufacturerPart #DatasheetDescription
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
60S05-60S10 DGNJDZ-60S05-60S10 Datasheet
286Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Formosa MS
6A05 FORMOSA-6A05 Datasheet
34Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
6A05 GWSEMI-6A05 Datasheet
67Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
6A05 DGNJDZ-6A05 Datasheet
324Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
TAITRON Components Inco...
T6A05L TAITRON-T6A05L Datasheet
178Kb / 5P
   6.0 Amp Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
6A10 YIXIN-6A10 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10_00 Datasheet
274Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
6A05 GXELECTRONICS-6A05 Datasheet
434Kb / 2P
   6.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com