Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D Datasheet(PDF) 1 Page - Weitron Technology

Part # S1D
Description  Surface Mount Standard Recovery Glass Passivated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S1D Datasheet(HTML) 1 Page - Weitron Technology

  S1D Datasheet HTML 1Page - Weitron Technology S1D Datasheet HTML 2Page - Weitron Technology S1D Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*For Surface Mount Application
*Glass Passivated Chip
*Low Reverse Leakage Current
*Low Forward Voltage Drop And High Current Capability
*Plastic Meterial Has UL Flammability Classification 94V-0
*Case : Molded Plastic
*Polarity :Indicated by cathode band
*Weight : 0.002 Ounce ,0.064 grams
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
1.0 AMPERE
http://www.weitron.com.tw
S1A thru S1M
Surface Mount Standard Recovery
Features:
WEITRON
Mechanical Data
Glass Passivated
SMA Outline Dimension
Unit:mm
SMA
Dim
Min
Max
A
B
C
D
E
G
H
J
2.20
4.00
1.27
0.15
4.48
0.10
0.76
1.70
2.92
4.60
1.63
0.31
5.59
0.20
1.52
2.62
A
B
C
D
J
G
H
E
SMA(DO-214AC)


Similar Part No. - S1D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S1D EIC-S1D Datasheet
52Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Pan Jit International I...
S1D PANJIT-S1D Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Suntan Capacitors
S1D SUNTAN-S1D Datasheet
211Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Kingtronics Internation...
S1D KINGTRONICS-S1D Datasheet
911Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1D MCC-S1D Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S1D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S2A WEITRON-S2A Datasheet
271Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1AB WEITRON-S1AB Datasheet
116Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com