Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5270B Datasheet(PDF) 4 Page - Weitron Technology

Part # MMBZ5270B
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBZ5270B Datasheet(HTML) 4 Page - Weitron Technology

  MMBZ5270B Datasheet HTML 1Page - Weitron Technology MMBZ5270B Datasheet HTML 2Page - Weitron Technology MMBZ5270B Datasheet HTML 3Page - Weitron Technology MMBZ5270B Datasheet HTML 4Page - Weitron Technology MMBZ5270B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T Y P IC A L C HA R A C T E R IS T IC S
100
V Z, NOMINAL ZE NE R VOLTAG E (V)
F igure 5. Typical C apacitance
1000
100
10
1
10
1
B IA S A
T
50% OF V ZNOM
TA = 25C
0 V BIAS
1 V BIAS
12
V Z, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25C
V Z, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25C
90
V Z, NOMINAL ZE NE R VOL
TAG E (V)
F igure 6. Typical L eakage C urrent
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
+25 C
±55 C
F igure 7. Zener Voltage vers us Zener C urrent
(V Z Up to 12 V)
F igure 8. Zener Voltage vers us Zener C urrent
(12 V to 91 V )
MMBZ5221B Series
WE IT R ON
WEITRON
http://www.weitron.com.tw


Similar Part No. - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBZ5270B WEITRON-MMBZ5270B Datasheet
295Kb / 3P
   Surface Mount Zener Diode
logo
Yea Shin Technology Co....
MMBZ5270B YEASHIN-MMBZ5270B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Formosa MS
MMBZ5270B FORMOSA-MMBZ5270B Datasheet
555Kb / 8P
   Zener Diode
logo
ON Semiconductor
MMBZ5270BL ONSEMI-MMBZ5270BL Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBZ5270BLT1 LRC-MMBZ5270BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
More results

Similar Description - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com