Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM17 Datasheet(PDF) 2 Page - Weitron Technology

Part # SM17
Description  Surface Mount Schottky Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SM17 Datasheet(HTML) 2 Page - Weitron Technology

  SM17 Datasheet HTML 1Page - Weitron Technology SM17 Datasheet HTML 2Page - Weitron Technology SM17 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectifier Forward Current
Peak Repetitive Forward Current
(Rate VR,Square Wave, 20 KHz)
Non-Repetitive Peak Square Current
(Surge Applied atRated Load Condition
Halfware, Single Phase, 60Hz)
Operating and Storage Junction
Temperature Range
V
V
V
V
I
I
I
T ,T
SM17
SM18
SM19
UNIT
14
21
28
V
V
1.0
1.0
25
-65 to + 125
A
A
A
C
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse Current
(Rated DC Voltage,Tc=25 C)
(Rated DC Voltage,Tc=100 C)
Maximum Instanatneous Forward Voltage
(IF=1.0Amp)
Symbol
SM17
SM18
SM19
UNIT
Typical Junction Capacitance
(VR=4.0V, f=1.0MHz)
V
I
C
0.450
0.50
0.50
V
mA
F
0.5
50
50
Symbol
SM17 thru SM19
WEITRON
http://www.weitron.com.tw
P
20
30
40
J STG
P
R
F
FSM
FM
F(AV)
R(RMS)
R
RWM
RRM


Similar Part No. - SM17

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
logo
Weitron Technology
SM17 WEITRON-SM17 Datasheet
92Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SM17 LEIDITECH-SM17 Datasheet
281Kb / 3P
   TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM170 MIC-SM170 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM170220 ETC2-SM170220 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results

Similar Description - SM17

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SM17 WEITRON-SM17_08 Datasheet
92Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com