Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE400CA Datasheet(PDF) 2 Page - Weitron Technology

Part # P6KE400CA
Description  600W Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P6KE400CA Datasheet(HTML) 2 Page - Weitron Technology

  P6KE400CA Datasheet HTML 1Page - Weitron Technology P6KE400CA Datasheet HTML 2Page - Weitron Technology P6KE400CA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
UNI-POLAR
BI-POLAR
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6KE10A
P6KE10CA
8.55
9.50
10.50
1
14.5
42.1
10
P6KE11A
P6KE11CA
9.40
10.50
11.60
1
15.6
39.1
5
P6KE12A
P6KE12CA
10.20
11.40
12.60
1
16.7
36.5
5
P6KE13A
P6KE13CA
11.10
12.40
13.70
1
18.2
33.5
5
P6KE15A
P6KE15CA
12.80
14.30
15.80
1
21.2
28.8
5
P6KE16A
P6KE16CA
13.60
15.20
16.80
1
22.5
27.1
5
P6KE18A
P6KE18CA
15.30
17.10
18.90
1
25.2
24.2
5
P6KE20A
P6KE20CA
17.10
19.00
21.00
1
27.7
22.0
5
P6KE22A
P6KE22CA
18.80
20.90
23.10
1
30.6
19.9
5
P6KE24A
P6KE24CA
20.50
22.80
25.20
1
33.2
18.4
5
P6KE27A
P6KE27CA
23.10
25.70
28.40
1
37.5
16.3
5
P6KE30A
P6KE30CA
25.60
28.50
31.50
1
41.4
14.7
5
P6KE33A
P6KE33CA
28.20
31.40
34.70
1
45.7
13.3
5
P6KE36A
P6KE36CA
30.80
34.20
37.80
1
49.9
12.2
5
P6KE39A
P6KE39CA
33.30
37.10
41.00
1
53.9
11.3
5
P6KE43A
P6KE43CA
36.80
40.90
45.20
1
59.3
10.3
5
P6KE47A
P6KE47CA
40.20
44.70
49.40
1
64.8
9.4
5
P6KE51A
P6KE51CA
43.60
48.50
53.60
1
70.1
8.7
5
P6KE56A
P6KE56CA
47.80
53.20
58.80
1
77.0
7.9
5
P6KE62A
P6KE62CA
53.00
58.90
65.10
1
85.0
7.2
5
P6KE68A
P6KE68CA
58.10
64.60
71.40
1
92.0
6.6
5
P6KE75A
P6KE75CA
64.10
71.30
78.80
1
103.0
5.9
5
P6KE82A
P6KE82CA
70.10
77.90
86.10
1
113.0
5.4
5
P6KE91A
P6KE91CA
77.80
86.50
95.50
1
125.0
4.9
5
P6KE100A
P6KE100CA
85.50
95.00
105.00
1
137.0
4.5
5
P6KE110A
P6KE110CA
94.00
105.00
116.00
1
152.0
4.0
5
P6KE120A
P6KE120CA
102.00
114.00
126.00
1
165.0
3.7
5
P6KE130A
P6KE130CA
111.00
124.00
137.00
1
179.0
3.4
5
P6KE150A
P6KE150CA
128.00
143.00
158.00
1
207.0
2.9
5
P6KE160A
P6KE160CA
136.00
152.00
168.00
1
219.0
2.8
5
P6KE170A
P6KE170CA
145.00
162.00
179.00
1
234.0
2.6
5
P6KE180A
P6KE180CA
154.00
171.00
189.00
1
246.0
2.5
5
P6KE200A
P6KE200CA
171.00
190.00
210.00
1
274.0
2.2
5
P6KE220A
P6KE220CA
185.00
209.00
231.00
1
328.0
1.9
5
P6KE250A
P6KE250CA
214.00
237.00
263.00
1
344.0
1.8
5
P6KE300A
P6KE300CA
256.00
285.00
315.00
1
414.0
1.5
5
P6KE350A
P6KE350CA
300.00
332.00
368.00
1
482.0
1.3
5
P6KE400A
P6KE400CA
342.00
380.00
420.00
1
548.0
1.1
5
P6KE440A
P6KE440CA
376.00
418.00
462.00
1
602.0
1.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
P6KE
PART NUMBER
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp(A)
REVERSE
LEAKAGE
@VRWM
IR(µA)
Electrical Characteristics
P6KE 6.8 (C)A thru
P6KE 440(C)A


Similar Part No. - P6KE400CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE400CA PANJIT-P6KE400CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE400CA SUNMATE-P6KE400CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE400CA PANJIT-P6KE400CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
P6KE400CA YINT-P6KE400CA Datasheet
854Kb / 5P
   P6KE Transient Voltage Suppressor Diode Series
logo
STMicroelectronics
P6KE400CA STMICROELECTRONICS-P6KE400CA Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
More results

Similar Description - P6KE400CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6KE600C WEITRON-P6KE600C Datasheet
373Kb / 3P
   600W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
SMBJ5.0CA HUAXINAN-SMBJ5.0CA_V01 Datasheet
442Kb / 6P
   600W Transient Voltage Suppressors
P6KE6.8CA HUAXINAN-P6KE6.8CA_V01 Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
P6KE550C WEITRON-P6KE550C Datasheet
63Kb / 2P
   600W Transient Voltage Suppressors
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
P6KE ZSELEC-P6KE Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P6SMB6.8CA HUAXINAN-P6SMB6.8CA Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com