Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT2310 Datasheet(PDF) 1 Page - Weitron Technology

Part # WT2310
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT2310 Datasheet(HTML) 1 Page - Weitron Technology

  WT2310 Datasheet HTML 1Page - Weitron Technology WT2310 Datasheet HTML 2Page - Weitron Technology WT2310 Datasheet HTML 3Page - Weitron Technology WT2310 Datasheet HTML 4Page - Weitron Technology WT2310 Datasheet HTML 5Page - Weitron Technology WT2310 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WEITRON
http:www.weitron.com.tw
DRAIN CURRENT
3 AMPERS
DRAIN SOUCE VOLTAGE
60 VOLTAGE
Features:
*Super High Dense Cell Design For Low R
DS(ON)
R
DS(ON)<90m
Ω@V
GS=10V
*Rugged and Reliable
*Simple Drive Requirement
*SOT-23 Package
Maximum Ratings((TT
A
A=
=2
25
5℃
℃ U
Un
nlle
es
ss
s O
Otth
he
errw
wiis
se
e S
Sp
pe
ec
ciiffiie
ed
d))
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
3
,V
GS@10V(TA
3.0
,V
GS@10V(TA
ID
2.3
Pulsed Drain Current
1,2
IDM
10
A
Total Power Dissipation(TA=25
)
PD
1.38
W
Maximum Junction-ambient
3
R
ɵ
JA
90
℃/W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55~+150
Device Marking
WT2310=2310
WT2310
N-Channel Enhancement
Mode Power MOSFET
1
2
3
GATE
SOURCE
DRAIN
SOT-23
1
2
3
1/6
05-May-05


Similar Part No. - WT2310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT231L01D1AB ETC2-WT231L01D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L01D1AV2B ETC2-WT231L01D1AV2B Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L01Y9AB ETC2-WT231L01Y9AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L03D1AB ETC2-WT231L03D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L03D1AV2B ETC2-WT231L03D1AV2B Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
More results

Similar Description - WT2310

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com