Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT6401 Datasheet(PDF) 3 Page - Weitron Technology

Part # WT6401
Description  P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT6401 Datasheet(HTML) 3 Page - Weitron Technology

  WT6401 Datasheet HTML 1Page - Weitron Technology WT6401 Datasheet HTML 2Page - Weitron Technology WT6401 Datasheet HTML 3Page - Weitron Technology WT6401 Datasheet HTML 4Page - Weitron Technology WT6401 Datasheet HTML 5Page - Weitron Technology WT6401 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WT6401
Switching
Turn-on Delay Time
2
VDS=-10V,VGS=-10V,ID=-1A,RD=10Ω,RG=3.3Ω
VDS=-10V,VGS=-10V,ID=-1A,RD=10Ω,RG=3.3Ω
VDS=-10V,VGS=-10V,ID=-1A,RD=10Ω,RG=3.3Ω
VDS=-10V,VGS=-10V,ID=-1A,RD=10Ω,RG=3.3Ω
VDS=-12V,VGS=-4.5V,ID=-4.0A
VDS=-12V,VGS=-4.5V,ID=-4.0A
VDS=-12V,VGS=-4.5V,ID=-4.0A
td(on)
-
6
-
Rise Time
tr
-
5
-
Turn-off Delay Time
td (off)
-
16
-
Fall Time
tf
-
3
-
ns
Total Gate Charge
2
Qg
-
15
24
Gate-Source Charge
Qgs
-
1.3
-
Gate-Source Change
Qgd
-
4
-
nC
Source-Drain Diode Characteristics
Forward On Voltage
2
VGS
=0V,IS=-1.2A
VSD
-
-
1.2
V
Reverse Recovery Time2
VGS=0V,IS=-4.0A,dl/dt=100A/μs
VGS=0V,IS=-4.0A,dl/dt=100A/μs
Trr
-
25
-
ns
Reverse Recovery Charge
Qrr
-
26
-
nC
Note: 1. Pulse width limited by max, junction temperature.
2. pulse width≦300μs, duty cycle≦2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 270℃/W when mounted on min, copper pad.
3/6
06-May-05
WEITRON
http:www.weitron.com.tw


Similar Part No. - WT6401

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
   Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
   Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT6116 ETC-WT6116 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
More results

Similar Description - WT6401

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com