Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F377AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # N74F377AD
Description  Octal D-type flip-flop with enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F377AD Datasheet(HTML) 5 Page - NXP Semiconductors

  N74F377AD Datasheet HTML 1Page - NXP Semiconductors N74F377AD Datasheet HTML 2Page - NXP Semiconductors N74F377AD Datasheet HTML 3Page - NXP Semiconductors N74F377AD Datasheet HTML 4Page - NXP Semiconductors N74F377AD Datasheet HTML 5Page - NXP Semiconductors N74F377AD Datasheet HTML 6Page - NXP Semiconductors N74F377AD Datasheet HTML 7Page - NXP Semiconductors N74F377AD Datasheet HTML 8Page - NXP Semiconductors N74F377AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F377A
Octal D-type flip-flop with enable
1996 Mar 12
5
AC CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb =0oC to +70oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
150
165
120
MHz
tPLH
tPHL
Propagation delay
CP to Qn
1
3.0
4.5
5.0
6.5
8.0
9.0
2.5
4.0
9.0
10.5
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0oC to +70oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
2
2.5
2.5
2.5
2.5
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
2
1.0
0.0
1.0
0.0
ns
ts(H)
ts(L)
Setup time, High or Low
E to CP
2
3.0
4.0
3.0
4.5
ns
th(H)
th(L)
Hold time, High or Low
E to CP
2
0.0
0.0
0.0
0.0
ns
tw(H)
tw(L)
Clock Pulse width
High or Low
1
4.0
4.0
5.0
4.0
ns
AC WAVEFORMS
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
SF00294
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width and Maximum Clock Frequency
NOTE: For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output
performance.
CP
VM
VM
VM
VM
VM
ts(L)
E
th = 0
th = 0
ts(H)
Dn
VM
ts
th
VM
VM
SF01237
Waveform 2. Data and Enable
Setup and Hold Times


Similar Part No. - N74F377AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F373D PHILIPS-N74F373D Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Nexperia B.V. All right...
N74F373D NEXPERIA-N74F373D Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
NXP Semiconductors
N74F373DB PHILIPS-N74F373DB Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Nexperia B.V. All right...
N74F373DB NEXPERIA-N74F373DB Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
NXP Semiconductors
N74F373N PHILIPS-N74F373N Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
More results

Similar Description - N74F377AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com