Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTC2302 Datasheet(PDF) 5 Page - Weitron Technology

Part # WTC2302
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTC2302 Datasheet(HTML) 5 Page - Weitron Technology

  WTC2302 Datasheet HTML 1Page - Weitron Technology WTC2302 Datasheet HTML 2Page - Weitron Technology WTC2302 Datasheet HTML 3Page - Weitron Technology WTC2302 Datasheet HTML 4Page - Weitron Technology WTC2302 Datasheet HTML 5Page - Weitron Technology WTC2302 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WTC2302
Q
G , Total Gate Charge(nC)
12
10
8
6
4
2
0
0
2
4
6
8
10
Fig 7. Gate Charge Characteristics
V
DS = 4.5V
I
D = 3.6A
V
DS , Drain-to-Source Voltage(V)
100
10
1
0.1
0.01
0.1
1
10
100
Fig 9. Maximum Safe Operation Area
Fig 11. Switching Time Circuit
Fig.12 Gate Charge Waveform
T
A = 25°C
Single Pulse
V
DS
90%
10%
V
GS
t
r
t
d(on)
t
d(off) tf
1ms
10ms
100ms
Is
DC
t, Pulse Width(s)
1
0.1
0.01
0.001
0.0001
0.001
0.01
0.1
1
10
100
1000
Fig 10. Effective Transient Thermal Impedance
Duty factor = 0.5
V
DS, Drain-to-Source Voltage(V)
1000
100
0
1
5
9
13
17
21
25
29
Fig 8. Typical Capacitance Characteristics
f = 1.0MHz
0.2
0.1
0.05
0.01
Single pulse
P
DM
Duty factor = t / T
Peak Tj=P
DM x Rθju + Tu
R
θ
ja=270°C / W
t
T
Crss
Coss
Ciss
VG
4.5V
Q
G
Q
GS
Q
GD
Charge
Q
5/6
09-May-05


Similar Part No. - WTC2302

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTC2302 WEITRON-WTC2302_09 Datasheet
818Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - WTC2302

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com