Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

117GT300C501B1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 117GT300C501B1
Description  Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

117GT300C501B1 Datasheet(HTML) 1 Page - CTS Corporation

  117GT300C501B1 Datasheet HTML 1Page - CTS Corporation 117GT300C501B1 Datasheet HTML 2Page - CTS Corporation 117GT300C501B1 Datasheet HTML 3Page - CTS Corporation 117GT300C501B1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Commercial 3/4"
(19.05mm) diameter,
2 watt variable
resistor
• Fully enclosed construction
• Four mounting styles
• Long rotational life
• Optional grounded or insulated rotor
construction
• Incorporated fixed resistor available
• Available with nylon shaft
• Interchangeable mounting with
CTS series 110 preset potentiometers
Series 115
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Resistance Range
1 ohm through 20K ohms (linear taper)
Resistance Tolerance
Available: ±5%, ±10%, ±20%
Power Rating, Watts
Standard: 2 watts @ 55°C, derated to no load @ 105°C
linear taper, control mounted on metal panel
4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm)
Voltage Rating
Terminals to case (insulated types only)
High pot test, one minute — 900 VAC
Operating maximum — 500 VDC
Across end terminals
Determined by resistance value and wattage rating
Resistance Taper
Linear (±3% independent linearity, standard)
Taps
None
Incorporated Fixed Resistor
A fixed resistor can be incorporated in the Series 115
at the end of CW or CCW rotation to a minimum of 15%
of the total resistance value. The rotation is shortened
by an amount proportional to the ratio of the fixed resistor
to the total resistance value.
Angle of Rotation
270° ± 5°
Adjustment of Resistance
Standard: Cross slot provided in rotor for screwdriver
adjustment.
Special:
Molded nylon, screwdriver-slotted shafts which
are integral with rotor are available in many lengths
in increments of 1/8" (3.2mm) up to a maximum
of 2" (50.8mm).
Available Mounting Types
Printed circuit mounted: Type 115
Twist tab mounted:
Type P115
Ear mounted:
Type 116
Rivet ear mounted:
Type 117
Terminal Information
Grounded Construction — The grounded construction is
supplied without a center terminal and the contactor is
connected to the case. This construction can be furnished
with one end terminal at either end of the resistance
element or with terminals at both ends of the element.
Insulated Construction — The contactor is insulated from the
base and connected to the center terminal on the insulated
construction. This construction can be supplied with the
center terminal and one end terminal at either end of the
resistance element or with the center terminal and terminals
at both ends of the resistance element.
Rotational Torque
Turning Torque: 1/2 to 10 inch-ounces (36 – 720 g-cm)
Stop Strength: 4 inch-pounds (4.6 Kg-cm)
Technical Data Sheet 1115


Similar Part No. - 117GT300C501B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
117GT300C501B1 CTS-117GT300C501B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
More results

Similar Description - 117GT300C501B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com