Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251B120252C1TB Datasheet(PDF) 1 Page - CTS Corporation

Part # 251B120252C1TB
Description  Long life, 9mm diameter, composition element, variable resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

251B120252C1TB Datasheet(HTML) 1 Page - CTS Corporation

  251B120252C1TB Datasheet HTML 1Page - CTS Corporation 251B120252C1TB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistance Range
10 K ohms through 200 K ohms
Resistance Tolerance
Standard: ± 20%
Special: ± 10% and ± 30% available
Resistance Taper
Linear ± 5%
Insulation Resistance
100 megohms minimum @ 250 VDC
Operating Temperature
-10°C to +70°C
Rotational Torque
3 to 10 gf-cm
Rotational Life
1,000,000 cycles
Power Rating
0.01 watt at 50°C derated to no load at 85°C
Maximum Operating Voltage
Maximum 50 VAC or 5 VDC
Angle of Rotation
Total Rotation - With Shaft: 180°
No Shaft: 360°
Effective Rotation: 38°, 40°, 50°, 60°,
70°, 85°, 90° or 110° available
(Typical joystick control use.)
Materials
Housing: UL 94V-2
Shaft / Bushing: UL 94V-2
Base UL flame class 94HB
Shaft Information
Flatted, molded shaft
Diameter: 3.96 mm or 5.0 mm,
depending on shaft trim
Mounting Information
Bushing mount (unthreaded)
Diameter: 7.00 mm
Length: 5.00 mm
Tap Available
4° angle at 50% rotation optional
Other taps available - consult CTS
Long life, 9mm
diameter, composition
element, variable
resistor
Features
• 1 million cycle life
• Miniature 9 mm size
• Multiple rotation angles available
• Low rotational torque
• Sturdy insert molded PC terminals
• Bushing mount or shaftless available
• Tap available
Electrical and Mechanical Specifications
Technical Data Sheet 1251
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Series 251
®


Similar Part No. - 251B120252C1TB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B120253A1N1 CTS-251B120253A1N1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B120253A1NB CTS-251B120253A1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B120253A1T1 CTS-251B120253A1T1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B120253A1TB CTS-251B120253A1TB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B120253A3N1 CTS-251B120253A3N1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
More results

Similar Description - 251B120252C1TB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com