Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ78CA Datasheet(PDF) 1 Page - Weitron Technology

Part # SMBJ78CA
Description  600W Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMBJ78CA Datasheet(HTML) 1 Page - Weitron Technology

  SMBJ78CA Datasheet HTML 1Page - Weitron Technology SMBJ78CA Datasheet HTML 2Page - Weitron Technology SMBJ78CA Datasheet HTML 3Page - Weitron Technology SMBJ78CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5.0A/CA thru
SMBJ170A/CA
WEITRON
http://www.weitron.com.tw
Mechanical Data
Feature:
SMB(DO-214AA)
600W Surface Mount
Peak Pulse Power
600 Watt
Stand-off Voltage
5.0 To 170 VOLTS
Transient Voltage Suppressors
* 600 Watt Peak Power Dissipation
* Glass Passivated Die Construction
* Excellent Clamping Capability Fast Response Time
* Plastic Material Has UL Flammability Classification Rating 94V-O
* Case:Transfer Molded Epoxy
* Polarity: Indicator by Cathode Band
* Terminals: Solderable per MIL-STD-202 Method 208
* Weight: 0.1grams(approx)
(Bi-directional Devices Has no Polarity Indicator)
Characteristics
Peak Pulse Power Dissipation
on 10/1000us Waveform(1)(2)(Fig1)
Peak Pulse Current of
on 10/1000us Waveform(3)(Fig3)
Peak Forward Surge Current 8.3ms Single
Half Sine-Wave, Superimposed on Rated
Load(JEDEC Method)(2)(3)
Operating and Storage Junction Temperature
Range
Symbol
Value
Unit
PPPM
I PPM
I FSM
Tj,T STG
600
see
Table
100
-55 to -150
W
A
A
C
NOTE: 1. Non-Repetitive Current Pulse, per Fig3 and Derated
2. Mounted on 5.0mm Copper Pads to each Terminal
3. 8.3ms Single Half Sine-Wave, or equivalent Square
above TA=25 C per Fig2
Wave, Duty Cycle=4 pulses per minutes Maximum.
Maximum Ratings
2


Similar Part No. - SMBJ78CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ78CA BYTES-SMBJ78CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ78CA LITTELFUSE-SMBJ78CA Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
SeCoS Halbleitertechnol...
SMBJ78CA SECOS-SMBJ78CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ78CA SECOS-SMBJ78CA Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
MERITEK ELECTRONICS COR...
SMBJ78CA MERITEK-SMBJ78CA Datasheet
241Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ78CA

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com