Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ120CA Datasheet(PDF) 1 Page - Weitron Technology

Part # SMAJ120CA
Description  400W Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMAJ120CA Datasheet(HTML) 1 Page - Weitron Technology

  SMAJ120CA Datasheet HTML 1Page - Weitron Technology SMAJ120CA Datasheet HTML 2Page - Weitron Technology SMAJ120CA Datasheet HTML 3Page - Weitron Technology SMAJ120CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0A/CA thru
SMAJ170A/CA
WEITRON
http://www.weitron.com.tw
Mechanical Data
Feature:
400W Surface Mount
Peak Pulse Power
400 Watt
Stand-off Voltage
5.0 To 170 VOLTS
Transient Voltage Suppressors
* 400 Watt Peak Power Dissipation
* Glass Passivated Die Construction
* Excellent Clamping Capability Fast Response Time
* Plastic Material Has UL Flammability Classification Rating 94V-O
* Case:Transfer Molded Epoxy
* Polarity: Indicator by Cathode Band
* Terminals: Solderable per MIL-STD-202 Method 208
* Weight: 0.064grams(approx)
(Bi-directional Devices Has no Polarity Indicator)
Characteristics
Peak Pulse Power Dissipation
on 10/1000us Waveform(1)(2)(FIG1)
Peak Pulse Current of
on 10/1000us Waveform(FIG3)
Peak Forward Surge Current 8.3ms Single
Half Sine-Wave, Superimposed on Rated
Load(JEDEC Method)(2)(3)
Operating and Storage Junction Temperature
Range
Symbol
Value
Unit
PPPM
I PPM
I FSM
Tj,TSTG
400
see
Table
40
-55 to -150
W
A
A
C
NOTE: 1. Non-Repetitive Current Pulse, per FIG3 and Derated
2. Mounted on 5.0mm Copper Pads to each Terminal
3. 8.3ms Single Half Sine-Wave, or equivalent Square
above TA=25 C per FIG2
Wave, Duty Cycle=4 pulses per minutes Maximum.
Maximum Ratings
2
SMA(DO-214AC)


Similar Part No. - SMAJ120CA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMAJ120CA ZOWIE-SMAJ120CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ120CA DIODES-SMAJ120CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Shanghai Yint Electroni...
SMAJ120CA YINT-SMAJ120CA Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Littelfuse
SMAJ120CA LITTELFUSE-SMAJ120CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
SAMYANG ELECTRONICS CO....
SMAJ120CA SAMYANG-SMAJ120CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ120CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
   400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Zibo Seno Electronic En...
P4KE ZSELEC-P4KE Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P4SMA6.8CA HUAXINAN-P4SMA6.8CA Datasheet
447Kb / 5P
   400W Transient Voltage Suppressors
P4SMFT3.3CA HUAXINAN-P4SMFT3.3CA Datasheet
424Kb / 5P
   400W Transient Voltage Suppressors
SMAJ5.0CA HUAXINAN-SMAJ5.0CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
P4KE6.8CA HUAXINAN-P4KE6.8CA Datasheet
428Kb / 5P
   400W Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com