Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTP772 Datasheet(PDF) 2 Page - Weitron Technology

Part # WTP772
Description  PNP/NPN Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTP772 Datasheet(HTML) 2 Page - Weitron Technology

  WTP772 Datasheet HTML 1Page - Weitron Technology WTP772 Datasheet HTML 2Page - Weitron Technology WTP772 Datasheet HTML 3Page - Weitron Technology WTP772 Datasheet HTML 4Page - Weitron Technology WTP772 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current-Gain-Bandwidth Product
(IC= -0.1/0.1 mAdc,VCE=-5.0/5.0 Vdc, f=10MHz)
fT
MHz
Collector-Emitter Saturation Voltage
(IC= -2.0/2.0 Adc, IB= -0.2/0.2mAdc)
Base-Emitter Saturation Voltage
(IC= -2.0/2.0 Adc, IB= -0.2/0.2mAdc)
hFE
hFE
VCE(sat)
VBE(sat)
Vdc
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
-
-
-
-
-
-
-
-
-
-
WTP772
WTP882
WEITRON
http://www.weitron.com.tw
(IC= -1.0/1.0 Adc,VCE=-2.0/2.0Vdc)
DC Current Gain
DC Current Gain
(IC= -100/100 mAdc,VCE= -2.0/2.0 Vdc)
60
400
(1)
(2)
32
-0.5/0.5
-2.0/2.0
80/90
Classification of hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
TYP
-


Similar Part No. - WTP772

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTP772 WEITRON-WTP772_08 Datasheet
485Kb / 5P
   PNP Epitaxial Planar Transistors
More results

Similar Description - WTP772

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTM772 WEITRON-WTM772 Datasheet
206Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTS772 WEITRON-WTS772 Datasheet
237Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772_07 Datasheet
716Kb / 5P
   PNP / NPN Epitaxial Planar Transistors
WTD772 WEITRON-WTD772 Datasheet
267Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
   2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
   PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
   NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com