Electronic Components Datasheet Search |
|
WTS772 Datasheet(PDF) 3 Page - Weitron Technology |
|
WTS772 Datasheet(HTML) 3 Page - Weitron Technology |
3 / 5 page WEITRON http://www.weitron.com.tw WTS772 WTS882 150 100 50 0 F1. Total Power Dissipation VS. Ambient Temperature 0.2 0.4 0.6 0.8 1.0 ° Ta-Amient Temperature- C F3. Thermal Resistance VS. 0.1 0.3 1 3 10 30 100 300 1000 Pulse Width 0.3 1 3 10 30 PW-Pulse Width-ms VCE=10V I =1.0A C Duty=0.001 ° F4. Safe Operating Areas Ic(max),DC Ic(max),Pulse 10m S 1mS V -Collector to Emitter Voltage-V CE 1 3 6 10 30 60 100 0.01 0.03 0.1 0.3 1 3 10 NOTE 1. Tc=25 C 2. Curves must be derated linearly with increase of temperature and Duty Cycle. (Sin gle nonr epeti tive puls e) Diss ipatio n Lim ited s/b Lim ited PW =10 0 us PW< - < - 10 ms Duty Cycle 50 % ( ) F5. Collector Current VS. Collector -Collector-Emitter Voltage(V) IB=-1mA IB=-2mA IB=-3mA IB=-4mA IB=-5mA IB=-6mA IB=-7mA IB=-8MA IB=-9mA IB=-10mA vCE To Emitter Voltage -4 -8 -12 -16 -20 0 -2.0 -1.6 -1.2 -0.8 -0.4 0 Pulse Test WTS772 F6. Collector Current VS. Collector -Collector-Emitter Voltage(V) IB=1mA IB=2mA IB=3mA IB=4mA IB=5mA IB=6mA IB=7mA IB=8MA IB=9mA IB=10mA vCE To Emitter Voltage 4 8 12 16 20 0 2.0 1.6 1.2 0.8 0.4 0 Pulse Test WTS882 Tc,Case Temperature(°C) F.2 Derating Curve for All Types 150 100 0 50 0 100 S/b limite d 20 40 60 80 |
Similar Part No. - WTS772 |
|
Similar Description - WTS772 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |