Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

212U0102N320KA Datasheet(PDF) 1 Page - CTS Corporation

Part # 212U0102N320KA
Description  CTS 212 Rotary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

212U0102N320KA Datasheet(HTML) 1 Page - CTS Corporation

  212U0102N320KA Datasheet HTML 1Page - CTS Corporation 212U0102N320KA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
CTS 212 Rotary
Switch
• Hill and valley detent
• Balanced double bump detent spring
• Excellent feel
• 30˚, 60˚ or 90˚ indexing
• Spring return styles available
• Adjustable stop available
• Solder lug and printed circuit terminals available
• Molded stator prevents solder from flowing into
the circuit
• Custom switching patterns available
• Index or wafers are available separately
Series 212
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Indexing
Double bump spring hill and valley detent with
30° indexing for 2 through 12 positions or
60° indexing from 2 to 6 positions.
90° indexing -consult CTS
Voltage and Current Rating
UL Rating:
3/4 amp at 125 VAC (shorting type only)
Special Rating:
1/4 amp at 28 VDC (shorting or
non shorting)
1 amp at 28 VDC Shorting
Contact Resistance
0.008 to 0.010 ohm when measured from adjacent
terminals
Stop Strength
15" lbs (17.3Kg-cm).
Torque
Up to 48" oz. (3.5Kg-cm).
Detent Rotational Life
Standard: 25,000 cycles through 12 positions and
return at 10 cycles per minute.
Materials
Shaft:
Aluminum or unplated brass at CTS option
Bushing: Standard — Brass
Materials (continued)
Detent Spring: Spring brass or nickel silver depending
on torque requirements
Front Plate:
Zinc plated or nickel steel at CTS option
Rotor Contacts, Stator Contacts and Terminals:
Silver
plated brass standard
Stator Insulator:
Glass reinforced thermoset material
Bushing Lengths
Standard:
3/8"-32 UNEF-2A Thread, 1/4" (6.35mm)
or
3/8" (9.53mm) long.
Special Lengths: Available as required — Brass
Locating Lugs
Standard: Left side .531" (13.5mm) radius
Special:
Right side .531" (13.5mm) radius or no lug
Shaft Trim
Standard: Plain round
Special:
Flat, slot, knurl, or mixed (flat with slot)
Frames
Machine screw, bolt & nut, or rivet construction
Lubrication
Special lubrication is used sufficient for the life
of the index assembly under normal hand operation.
Technical Data Sheet 4212


Similar Part No. - 212U0102N320KA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212U01N220FD1 CTS-212U01N220FD1 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212U01N220FD2 CTS-212U01N220FD2 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212U01N220FD3 CTS-212U01N220FD3 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212U01N220FN1 CTS-212U01N220FN1 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212U01N220FN2 CTS-212U01N220FN2 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
More results

Similar Description - 212U0102N320KA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212_07 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
   CTS 227 Rotary Switches
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
   ROTARY SWITCH
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
   MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
Lorlin Electronics Ltd.
RAAAAAAAAAAAAA LORLIN-RAAAAAAAAAAAAA Datasheet
900Kb / 3P
   RA ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com