Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

275X320R103A1A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 275X320R103A1A1
Description  Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

275X320R103A1A1 Datasheet(HTML) 1 Page - CTS Corporation

  275X320R103A1A1 Datasheet HTML 1Page - CTS Corporation 275X320R103A1A1 Datasheet HTML 2Page - CTS Corporation 275X320R103A1A1 Datasheet HTML 3Page - CTS Corporation 275X320R103A1A1 Datasheet HTML 4Page - CTS Corporation 275X320R103A1A1 Datasheet HTML 5Page - CTS Corporation 275X320R103A1A1 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
Commercial
Miniature 5/8"
(16mm) Diameter
Composition
Variable Resistors
• Miniature 5/8" (16mm) size
• Versatile mounting styles:
– bushing
– twist tab
– bend tab
– snap-in PC bracket
– solder lug or PC terminals
(shaft parallel or perpendicular to the panel)
• 100
Ω to 5 Meg Ω resistance range
• Molded or metal shafts
• SPST power switches
• Single, tandem, or concentric units
• Panel seal
• Rear extended shaft
Series 270
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Resistance Range
100
Ω through 5 Meg Ω (linear taper).
Resistance Tolerance
Standard: ±20%
Special:
Other tolerances available in most
resistance values.
Power Rating, Watts
1/4 watt per section through 100K
1/5 watt per section above 100K
Full rating @ 55°C derated to no load at 85°C,
linear taper, bushing mounted control on steel panel
4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm).
(Derating required on two section controls.)
Voltage Rating
Bushings to Terminals:
High pot test, one minute — 750 VAC
Operating maximum
— 500 VDC
Across End Terminals:
350 VDC, load not to exceed listed wattage ratings.
Resistance Tapers
Standard: Linear, 10% Audio and 10% CCW Audio
Special tapers available to meet most requirements
Angle of Rotation
Total Rotation
Without Switch: 300° ± 5°
With Switch:
315° ± 5°
Effective Rotation
Without Switch: 300° (approximate)
With Switch:
290° (approximate)
Panel Mounting Information
Bushing Mount
Standard: Brass
(continued on next page)
Technical Data Sheet 1270E


Similar Part No. - 275X320R103A1A1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
275X HAMMOND-275X Datasheet
498Kb / 3P
   High Voltage (Plate) & Filament - 32 VA to 454 VA
More results

Similar Description - 275X320R103A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com