Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6501Z Datasheet(PDF) 5 Page - Tachyonics CO,. LTD

Part # THN6501Z
Description  NPN SiGe RF TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6501Z Datasheet(HTML) 5 Page - Tachyonics CO,. LTD

  THN6501Z Datasheet HTML 1Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 2Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 3Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 4Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 5Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 6Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 7Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 8Page - Tachyonics CO,. LTD THN6501Z Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
THN6501 Series
Output 3rd Order Intercept Point, OIP3 vs. IC
CCB vs. VCB
(ZS = ZL = 50 Ω)
NF vs. IC
Noise Figure Contours & Constant Gain
VCE = 3 V, IC = parameter, ZS = ZSopt
f = 1 GHz, VCE = 3 V, IC = 7 mA
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10 15 20 25 30 35 40 45 50 55
0
0.4
0.8
1.2
1.6
0
5
10
15
20
ΓOPT=0.445∠15
5
NF=1.0dB
=1.1dB
=1.2dB
=1.3dB
Input Stable
Output Stable
GA=15dB
=14dB
=13dB
=12dB
=11dB
5 contour
f = 1 MHz
f = 1 GHz
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
VCE = 6 V
f = 1 GHz
VCE = 3 V
VCE = 2 V
IC [mA]
VCB [V]
IC [mA]
www.tachyonics.co.kr
- 5/15 -
Aug.-2005
Rev 2.0


Similar Part No. - THN6501Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6501Z AUK-THN6501Z Datasheet
230Kb / 15P
   SiGe NPN Transistor
More results

Similar Description - THN6501Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
   NPN SiGe RF TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
   NPN SiGe RF TRANSISTOR
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
   NPN SiGe RF POWER TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
   NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com