Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F395 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F395
Description  4-bit cascadable shift register 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F395 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F395 Datasheet HTML 1Page - NXP Semiconductors 74F395 Datasheet HTML 2Page - NXP Semiconductors 74F395 Datasheet HTML 3Page - NXP Semiconductors 74F395 Datasheet HTML 4Page - NXP Semiconductors 74F395 Datasheet HTML 5Page - NXP Semiconductors 74F395 Datasheet HTML 6Page - NXP Semiconductors 74F395 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
74F395
4-bit cascadable shift register (3-State)
1990 Oct 23
5
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
105
120
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.5
5.0
6.0
8.0
8.5
11.0
3.5
5.0
9.5
11.5
ns
tPLH
tPHL
Propagation delay
CP to Qs
Waveform 1
4.5
5.5
6.0
7.5
8.5
10.0
4.0
5.0
9.5
10.5
ns
tPHL
Propagation delay
MR to Qn
Waveform 2
5.0
7.5
10.0
5.0
10.5
ns
tPHL
Propagation delay
MR to Qs
Waveform 2
4.5
7.0
9.0
4.5
9.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 4
Waveform 5
4.0
3.5
6.5
6.0
9.0
8.0
4.0
3.5
10.0
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 4
Waveform 5
1.0
1.0
2.5
3.5
4.5
5.5
1.0
1.0
5.5
6.5
ns
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
Waveform 3
2.5
1.5
3.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 3
1.5
1.5
1.5
1.5
ns
ts(H)
ts(L)
Setup time, High or Low
PE to CP
Waveform 3
6.5
6.0
7.0
6.5
ns
th(H)
th(L)
Hold time, High or Low
PE to CP
Waveform 3
0
0
0
0
ns
tW(H)
tW(L)
CP Pulse width
High or Low
Waveform 1
5.0
4.0
5.5
4.5
ns
tW(L)
MR Pulse width
Low
Waveform 2
2.5
3.0
ns
tREC
Recovery time
MR to CP
Waveform 2
6.0
7.0
ns


Similar Part No. - 74F395

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F395AI-RC BOURNS-74F395AI-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
More results

Similar Description - 74F395

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74HC40104 PHILIPS-74HC40104 Datasheet
62Kb / 8P
   4-bit bidirectional universal shift register; 3-state
December 1990
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Texas Instruments
SN54LS395A TI-SN54LS395A Datasheet
234Kb / 7P
[Old version datasheet]   4-BIT CASCADABLE SHIFT REFISTERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com