Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVCH16721PA Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74ALVCH16721PA
Description  3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16721PA Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74ALVCH16721PA Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16721PA Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16721PA Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16721PA Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16721PA Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16721PA Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74ALVCH16721
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XX
ALVC
XXX
XX
Package
Device Type
Temp. Range
PV
PA
16
74
Shrink Small Outline Package
Thin Shrink Small Outline Package
20-Bit Flip-Flop with 3-State Outputs
–40°C to +85°C
XXXX
Family
Bus-Hold
721
Double-Density, ±24mA
Bus-Hold
H


Similar Part No. - IDT74ALVCH16721PA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
More results

Similar Description - IDT74ALVCH16721PA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Integrated Device Techn...
IDT74ALVCH162721 IDT-IDT74ALVCH162721 Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32374 RENESAS-IDT74ALVCH32374 Datasheet
269Kb / 8P
   3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2009
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Pericom Semiconductor C...
PI74ALVCH16721 PERICOM-PI74ALVCH16721 Datasheet
271Kb / 5P
   3.3V 20-Bit Flip-Flop with 3-STATE Outputs
logo
Integrated Device Techn...
IDT74ALVCH162827 IDT-IDT74ALVCH162827 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com