Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250U15B102A1CB Datasheet(PDF) 1 Page - CTS Corporation

Part # 250U15B102A1CB
Description  Commercial Composition 9mm Diameter Variable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250U15B102A1CB Datasheet(HTML) 1 Page - CTS Corporation

  250U15B102A1CB Datasheet HTML 1Page - CTS Corporation 250U15B102A1CB Datasheet HTML 2Page - CTS Corporation 250U15B102A1CB Datasheet HTML 3Page - CTS Corporation 250U15B102A1CB Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Commercial
Composition
9mm Diameter
Variable Resistors
• Miniature 9mm size
• Low cost
• Bushing mount or PC mount
• Dual control
• Detent available
Series 250
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Resistance Range
Standard: 500 ohms through 1 megohms.
Special:
For non-standard resistance values,
please contact CTS.
Resistance Tolerance
Standard: ±20%
Special:
Tighter tolerances available
in most resistance values.
Resistance Taper
Standard: Linear
Special:
Available
Power Rating
Single section - 0.05 watts @ 50°C derated to no load
@ 85°C for linear curve.
Dual section - 0.03 watts @ 50°C derated to no load
@ 85°C for linear curve.
Dielectric Strength
Withstands 250 VAC for 1 minute
Insulation Resistance
100 megohms minimum at 250 VDC
Maximum Operating Voltage
50 VAC, 20 VDC
Angle of Rotation
Total Rotation: 280° ± 5°
Rotational Torque
10-100 g-cm
Stop Strength
3kg-cm minimum
Detent
50% detent available in single section units
Pull-Push Strength
5kgf maximum
Rotational Life
Single seciton - 5K cycles
Dual section - 2K cycles
Slide Noise
Less than 100mV (measured by JIS C6443)
Gang Error
Within 3dB at –40 to 0 dB
Insertion Loss
0.1 dB maximum
Technical Data Sheet 1250


Similar Part No. - 250U15B102A1CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U15B102A1CA CTS-250U15B102A1CA Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
More results

Similar Description - 250U15B102A1CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com