Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4308H5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4308H5
Description  Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4308H5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4308H5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4308H Series Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
1-87
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
140
140
20
85
24
583
18
95
3.0
2.2
20
Clear
Yellow
4308H7
25
135
24
565
18
110
3.0
2.3
20
Clear
Green
4308H5
4308H1
Non-Diffus ed
PAR T NUMB E R
Output C olor
PackageC olor
Tes t C urrent (mA)
Forward Voltage T yp. (V)
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
Clear
20
1.8
2.2
90
240
30
645
24
87
20
Non-Diffus ed
Non-Diffus ed
Capacitance @ V =0
Power Dissipation (mW)
Continuous F orwardC urrent Max. (mA)
•High intensity light output.
•Clear non-diffused lens.
•Ideal for high ambient light conditions.
.230±.010
.347±.015
.030±.005
.190±.010
NOM.
.100
MIN.
1.023
NOM.
.050
SQ.NOM.
.025
CAT HODE
All dimensions
in inches.


Similar Part No. - 4308H5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4308H5 VCC-4308H5 Datasheet
55Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
More results

Similar Description - 4308H5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4308H VCC-4308H Datasheet
55Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4305H CML-4305H Datasheet
63Kb / 1P
   Solid State LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4304H VCC-4304H Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4305H VCC-4305H Datasheet
74Kb / 1P
   LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4304H CML-4304H Datasheet
25Kb / 1P
   4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4304S VCC-4304S Datasheet
69Kb / 1P
   Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4301H1 CML-4301H1 Datasheet
65Kb / 1P
   Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
logo
Visual Communications C...
4301H1-5 VCC-4301H1-5 Datasheet
73Kb / 1P
   Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com