Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5100H5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5100H5
Description  Panel Mounted LED Indicator Light with Wire Leads 1/4 Diameter Mounting Hole
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5100H5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5100H5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
Panel Mounted LED Indicator Light with Wire Leads 1/4" Diameter Mounting Hole
4-12
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
Features
•Super-Brite 30mcd
•Low current
•Built-in resistor chip operates directly off
5voltor12voltsupplywithout external
resistor.
Mounting: Will snap-fit in Ø.249/.254
hole in panels .031/.062 thick.
Wire leads: No. 24 AWG, 6" insulated,
bonded strands, stripped 1/2"
Anode(+): Red Lead
Housing: Black Nylon
Alternate LEDs are also available in this
package as standard variations.
All dimensions
in inches.
MAX .
.220
.530
.030
Ø.280
5
5
5
5
3.9
3.0
3.0
3.0
3.4
2.2
2.0
2.0
-
.09
1.0
1.0
50
30
35
35
Blue
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Peak F orward
Current @
1ms -300 PPS
(A)
Revers e
Breakdown
Voltage Min.
(V )
Forward V oltage
Emitted
Color
Part Number
5100H1
5100H3
5100H5
5100H6
Typical
Intens ity
(mcd)
30
20
30
3.0
45
20
20
20
Rated
Current
(mA)
5
5
5
5
2.7
2.2
2.2
3.0
1.9
1.8
1.8
2.1
.007
.007
.007
1.0
7
7
7
35
Yellow
Green
Red
Yellow
5100H7
5100H1LC
5100H5LC
5100H7LC
25
2.0
2.5
2.0
2
2
2
20
470
562
608
635
(nm)
Wavelength
Peak
585
565
635
585
5
5
7.5
7.5
5
5
-
-
15
15
Amber
Red
5102H1-5V
5102H3-5V
6.0
7.0
10
10
5
5
5
5
20.0
20.0
20.0
7.5
12
12
12
5
-
-
-
-
15
15
15
15
Green
Amber
Red
Green
5102H5-5V
5102H1-12V
5102H3-12V
5102H5-12V
10.0
4.0
4.0
4.0
13
13
13
12
583
635
565
583
635
565
Lo
w
C u
rre
nt
Bu
ilt-I
nR
es
ist
or1
2 V
olt
s
Bu
ilt-I
nR
es
ist
or5
Vol
ts


Similar Part No. - 5100H5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5100H5 VCC-5100H5 Datasheet
91Kb / 1P
   Panel Mounted Bi-Color LED Indicator
5100H5 VCC-5100H5 Datasheet
80Kb / 1P
   Panel Mounted LED Indicator Light with Wire Leads 1/4??Diameter Mounting Hole
5100H5LC VCC-5100H5LC Datasheet
80Kb / 1P
   Panel Mounted LED Indicator Light with Wire Leads 1/4??Diameter Mounting Hole
More results

Similar Description - 5100H5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5100H VCC-5100H Datasheet
80Kb / 1P
   Panel Mounted LED Indicator Light with Wire Leads 1/4??Diameter Mounting Hole
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
   Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
   Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
   Panel Mounted LED Indicator Light
5111F CML-5111F Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com