Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL88-560-10 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # TL88-560-10
Description  SPLIT-BOBBIN TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL88-560-10 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL88-560-10 Datasheet HTML 1Page - DB Lectro Inc TL88-560-10 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPLIT-BOBBIN
TRANSFORMER
SPLIT BOBBIN TRANSFORMER
TL88 Series
Power – 2.5VA to 56VA
Dielectric Strength – 4000Vrms
Primary – Dual primary (115V/230V
50/60Hz)
Secondary – Series or parallel
Insulation Class – Class F (155°C)
Agency Standards – UL506, CSA C22.2
#66, TUV / EN60950 & CE
Dimension (mm)
Product
Series
A
B
C
D
E
F
G
H
I
J
K
2.5 (VA)
41.0
33.0
28.6
4.5
SQ0.64
5.08
6.35
25.4
--
27
2.8
5.0 (VA)
41.0
33.0
34.9
4.5
SQ0.64
5.08
10.16
25.4
--
27
2.8
10 (VA)
48.0
40.0
34.9
4.5
SQ0.8
5.08
10.16
29.0
--
32
3.0
20 (VA)
57.0
47.5
41.3
4.5
SQ0.8
10.16
10.16
37.0
--
38
3.5
30 (VA)
66.0
55.0
39.7
4.5
SQ1.0
14.0
7.0
42.7
56.0
44.0
4.0
56 (VA)
76.0
63.5
46.0
4.5
SQ1.0
15.2
7.6
48.3
64.0
50.8
4.5
Tolerance (mm)
±1.0
±1.0
±1.0
±1.0
±0.1
±0.2
±0.3
±0.5
±0.5
±0.5
max.
Note : Dimension “E” is pin size, and dimension “K” is the maximum allowable screw size.
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-1424 www.dblectro.com


Similar Part No. - TL88-560-10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TL88 OHMITE-TL88 Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
   DTVPC Decoder
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
Ohmite Mfg. Co.
TL88FR500E OHMITE-TL88FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL88FUR500E OHMITE-TL88FUR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
More results

Similar Description - TL88-560-10

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
DB Lectro Inc
TL66-2F-10 DBLECTRO-TL66-2F-10 Datasheet
200Kb / 2P
   TWIN-BOBBIN TRANSFORMER
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Premier Magnetics, Inc.
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com