Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F455 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F455
Description  Buffers/drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F455 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F455 Datasheet HTML 3Page - NXP Semiconductors 74F455 Datasheet HTML 4Page - NXP Semiconductors 74F455 Datasheet HTML 5Page - NXP Semiconductors 74F455 Datasheet HTML 6Page - NXP Semiconductors 74F455 Datasheet HTML 7Page - NXP Semiconductors 74F455 Datasheet HTML 8Page - NXP Semiconductors 74F455 Datasheet HTML 9Page - NXP Semiconductors 74F455 Datasheet HTML 10Page - NXP Semiconductors 74F455 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F455,* 74F456
Buffers/Drivers
1999 Jan 08
7
* Discontinued part. Please see the Discontinued Products List.
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC = MIN
IO = 3mA
±10%VCC
2.4
V
VOH
High-level output voltage
VCC = MIN,
VIL = MAX,
V
MIN
IOH=–3mA
±5%VCC
2.7
3.3
V
VIH = MIN
IOH =–15mA
±10%VCC
2.0
V
VO
Low level output voltage
VCC = MIN,
VIL = MAX
IO = MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
µA
I
High level input current
Dn
VCC = MAX V =2 7V
40
µA
IIH
High-level input current
Pl, OEn
VCC = MAX, VI = 2.7V
20
µA
I
Low level input current
Dn
VCC = MAX V =0 5V
–40
µA
IIL
Low-level input current
Pl, OEn
VCC = MAX, VI = 0.5V
–20
µA
IOZH
Off-state output current
High-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current
Low-level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output current3
VCC = MAX
–100
–225
mA
ICCH
50
80
mA
ICC
Supply current (total)
ICCL
VCC = MAX
78
110
mA
ICCZ
63
90
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
74F455
Waveform 2
2.0
1.0
4.5
2.0
6.5
4.0
2.0
1.0
7.5
4.5
ns
tPLH
tPHL
Propagation delay
Dn to Qn
74F456
Waveform 1
2.0
2.5
4.5
5.0
6.5
7.0
2.0
2.5
7.0
7.5
ns
tPLH
tPHL
Propagation delay
Dn to
SE, SO
Waveform 1, 2
5.5
5.5
10.0
11.0
13.0
14.5
5.5
5.5
14.0
16.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 3
Waveform 4
2.5
4.0
4.0
8.0
8.0
10.5
2.5
4.0
9.0
11.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 3
Waveform 4
1.5
2.0
4.0
5.0
6.5
7.5
1.5
2.0
7.5
8.0
ns


Similar Part No. - 74F455

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Similar Description - 74F455

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
NXP Semiconductors
74F365 PHILIPS-74F365 Datasheet
94Kb / 10P
   Buffers/drivers
1999 Jan 08
logo
Texas Instruments
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Hitachi Semiconductor
HD74ALVC2G07 HITACHI-HD74ALVC2G07 Datasheet
56Kb / 10P
   Triple Buffers / Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
SN5406 TI1-SN5406_15 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com