Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5063JD10R00J18AF5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5063JD10R00J18AF5
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD10R00J18AF5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  5063JD10R00J18AF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD10R00J18AF5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2000 Aug 08
6
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
Definition of symbols (see Figs 4, 5, 6 and 7)
Pulses
The permissible pulse-load is determined by the resistance
change as given for the endurance test after 8000 hours.
PULSE VOLTAGE LIMIT
The maximum permissible impulse voltage
is the
voltage pulse short overload depending on the impulse time
ti. High ohmic values are protected by the interdependence
of voltage limit and impulse time. this function is given by
the equation:
Vmax = maximum permissible continuous voltage;
ti = pulse time;
K = 100 s−1.
MAXIMUM PULSE-LOAD
The average load
must not exceed the rated dissipation.
For resistance values above the critical resistance the rated
dissipation is given by the resistance value and the limiting
element voltage Vmax:
CONTINUOUS AND SINGLE PULSE-LOAD
There is a difference between repetitive pulse-load
or
single pulse load (e.g. switching events
).
A higher pulse-load Pmax is accepted in the latter case.
SYMBOL
DESCRIPTION
applied peak pulse power
maximum permissible peak pulse power;
see Fig.4
applied peak pulse voltage; see Fig 6
maximum permissible peak pulse voltage;
see Fig.5
V(t)
pulse voltage
R
nominal resistance value
PU
rated dissipation at ambient temperature
Rnom
nominal resistance value
ti
pulse duration (rectangular pulses)
tp
pulse repetition time
P
ˆ
P
ˆ
max
V
i
ˆ
V
ˆ
max
V
ˆ
max
V
ˆ
max
2.5 V
max
1t
i
K
+
--------------------------
V
max
+
=
P
P
1
t
p R
---------
=
U
2
t1
t2
t
()dt P
≤υ
P
t
i
t
p
---- P with P
power at the pulse time t
i
=
=


P0
>
PULSE SHAPES
Figure 6 shows the maximum pulse-load for a rectangular
pulse shape:
Other pulses should be converted into rectangular pulse
shapes (see Fig.7), having the same energy at a given peak
voltage. The following equation shows the calculation for
exponential pulses:
with
P
t
i
V
2
ˆ
t
p
R
--------------
=
P
τ
e
2t
p
------------
V
2
ˆ
R
------
=
τ
e
RC or
τ
e
L
R
----
=
=
Fig.6 Rectangular pulses.
MGA206
t i
V
Vi
t
t p
Fig.7 Exponential pulses.
V
t
τ
MGA207
t p


Similar Part No. - 5063JD10R00J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD10R00J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com