Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5322F5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5322F5
Description  T-1 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5322F5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5322F5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5320, 5321 & 5322 Series T-1 Right Angle LED Assembly
1-151
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
All dimens ions in inches .
Features
•T-1 LED lamp right angle mounted,
preassembled and tested.
•Black Nylon block, high contrast ratio,
height and spacing alignment - saves
assembly cost.
•High Brite and Super Brite LEDs-diffused
lens.
•Mounting pinssecureblock to PC board
while soldering.
•3 different board heights to select from.
Note: Alternate LEDs are also available
in this package as a standard variation.
Mounting hole pattern on page 1-X4.
650
585
562
650
3.0
3.0
3.0
3.0
2.0
2.1
2.2
2.0
5
5
5
5
30
30
30
30
Red
Yellow
Green
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5322F 1
5322F 5
5322F 7
5320F 1
Typical
Intens ity
(mcd)
10
16
6.3
10
10
10
10
10
Rated
Current
(mA)
562
650
585
562
3.0
3.0
3.0
3.0
2.2
2.0
2.1
2.2
5
5
5
5
30
30
30
30
Green
Red
Yellow
Green
5320F 5
5320F 7
5321F 1
5321F 5
16
6.3
10
16
10
10
10
10
585
3.0
2.1
5
30
Yellow
5321F 7
6.3
10
DIM A
5320
.35 (8.9)
5321
.45 (11.4)
5322
.25 (6.4)
ANODE
SUP E R -B R IT E
T-1 LE D
DIM A
.090
.130 MAX .
MAX .
.180
.040
.150 MIN.
.100
ST AND-OF F
FLUX W AS H
.020
.190 MAX .
.130±.020


Similar Part No. - 5322F5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5322F5 VCC-5322F5 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
More results

Similar Description - 5322F5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5655F1 CML-5655F1 Datasheet
26Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5320 VCC-5320 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
   T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5650 VCC-5650 Datasheet
83Kb / 1P
   T-1 Right Angle LED Assembly
5323 VCC-5323 Datasheet
82Kb / 1P
   T-1 Right Angle LED Assembly
5655 VCC-5655 Datasheet
85Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com